Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI599 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI599
Description  ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI599 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI599 Datasheet HTML 1Page - Silicon Laboratories SI599 Datasheet HTML 2Page - Silicon Laboratories SI599 Datasheet HTML 3Page - Silicon Laboratories SI599 Datasheet HTML 4Page - Silicon Laboratories SI599 Datasheet HTML 5Page - Silicon Laboratories SI599 Datasheet HTML 6Page - Silicon Laboratories SI599 Datasheet HTML 7Page - Silicon Laboratories SI599 Datasheet HTML 8Page - Silicon Laboratories SI599 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AN334
Rev. 0.4
3
5. Hardware
The PCB schematic shown in Figure 2 is used to demonstrate the code. The MCU transitions to the next frequency
in the list following the pressing of a switch (SW1). The status LEDs light in sequence to show the index of the
frequency currently selected.
Figure 1. Reference Design Expected Usage Model
Silicon Labs’
MCU ‘F301
Control Processor
(FPGA, ASIC, uP)
Si57x
Output
Frequency
27MHz
61.44MHz
71.1758MHz
.
.
.
1400MHz
Start-up
Output
Frequency
Array
Frequency
Select
Sequence
Next
Next
N-bit
Index
I2C


Similar Part No. - SI599

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI599 SILABS-SI599 Datasheet
234Kb / 28P
   Programmable with 28 parts per trillion frequency resolution
logo
Skyworks Solutions Inc.
SI599 SKYWORKS-SI599 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5997DU VISHAY-SI5997DU Datasheet
164Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI5997DU VISHAY-SI5997DU Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5997DU VISHAY-SI5997DU_V01 Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI599

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Seiko Instruments Inc
S-24 SII-S-24 Datasheet
857Kb / 15P
   SERIAL NON-VOLATILE RAM
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
   Programmable TFT VCOM Calibrator with Non-Volatile
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
   Non-volatile electronic potentiometer
logo
Xilinx, Inc
XCCACE-TQ144 XILINX-XCCACE-TQ144 Datasheet
1Mb / 69P
   Non-volatile system solution
logo
Seiko Instruments Inc
S-22 SII-S-22 Datasheet
656Kb / 12P
   PARALLEL NON-VOLATILE RAM
logo
ELMOS Semiconductor AG
E910.47 ELMOS-E910.47 Datasheet
101Kb / 1P
   Non volatile contact monitor
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com