Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2510.062NRT1L Datasheet(PDF) 4 Page - Littelfuse

Part # 2510.062NRT1L
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2510.062NRT1L Datasheet(HTML) 4 Page - Littelfuse

  2510.062NRT1L Datasheet HTML 1Page - Littelfuse 2510.062NRT1L Datasheet HTML 2Page - Littelfuse 2510.062NRT1L Datasheet HTML 3Page - Littelfuse 2510.062NRT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/11/15
Axial Lead & Cartridge Fuses
PICO® ll > Very Fast-Acting Fuse > 251/253 Series
Materials
Encapsulated, Epoxy-Coated
Body: Pure Tin-coated Copper wire leads
Solderability
MIL-STD-202, Method 208
Lead Pull Force
MIL-STD-202, Method 211, Test Condition
A (will withstand a 7lbs. axial pull test)
Fuses To MIL SPEC
For fuses to MIL-PRF-23419, FM10
change the series number from
251 to 253
Operating
Temperature
–55ºC to +125ºC (Consider re-rating)
Product Characteristics
Vibration
MIL-STD-202, Method 201 (10–55
Hz); Method 204, Test Condition C
(55–2000 Hz at 10 G’s Peak)
Shock
MIL-STD-202, Method 213, Test
Condition I (100 G’s peak for 6
msecs.)
Insulation Resistance
(After Opening):
MIL-STD-202, Method 302,
Test Condition A (10,000 ohms
minimum at 100 volts)
Moisture Resistance
MIL-STD-202, Method 106
Resistance to Soldering
Heat
Withstands 60 seconds above 200OC
and up to 260ºC, maximum
Flammability Rating
UL 94V–0
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity &
Packaging Code
*T1: 52.4mm (2.062") Tape and Reel
EIA 296
Please refer to available quantities
above in "Part Numbering System”
**T3: 73mm (2.874') Tape and Reel
EIA 296
0251 xxxx N R T1
Lead Length
Type of Packaging
Quantity
Current Rating
Series
The default lead length for Ammo pack and
Loose pack is now T1 for 251 series, and
remains T3 for 253 series, therefore:
T1 = 52.4mm (2.062”), 251 series only*
Blank = 52.4mm (2.062”) for 251 series*
or 73mm (2.874”) for 253 series**
R = Reel
A = Ammo Pack
X = Loose Pack
N = 5000
P = 2000
M = 1000
H = 100
Refer to Amp Code column of
Electrical Specifications Table
251 = Standard type
253
= Military type
Option Codes
L
L = RoHS + HF
(Only applies to 251 Series)
The default lead length for both ammo pack and loose pack is T1 for 251 and is T3 for 253.
Notes:
* T1 dimension is defined as the length of the component between the two tapes. The full component length is 62.7mm (2.468"). T1 length is for 251 series only.
** T3 dimension is defined as the length of the component between the two tapes. The full component length is 83.3.7mm (3.28”). T3 length is for 253 series only.
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 15 amp
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 12-15 amp
2.61 (.103")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
38.1
(1.5")
38.1
(1.5")
7.11 (.280")
83.31 (3.28")
253 Series Markings
(T3 lead length)
L 1 A
L 1 A
73.0 (2.874")**
L 1 A
F
L
1 A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80
(.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
251 Series (Halogen-free Version) Markings
(T1 lead length)
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 12-15 amp
F
L
1 A
F
L
1 A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80
(.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
251 Series Markings
(T1 lead length)
F
F
F


Similar Part No. - 2510.062NRT1L

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2510 KR-2510 Datasheet
90Kb / 2P
   Bandpass Filter
logo
Schurter Inc.
2510 SCHURTER-2510 Datasheet
332Kb / 2P
   Power Cord with IEC Connector C7, Straight 70째C
logo
3M Electronics
2510 3M-2510 Datasheet
41Kb / 2P
   Varnished Cambric Tapes 2510 and 2520
logo
Pentair plc. All rights...
2510 PENTAIR-2510 Datasheet
3Mb / 36P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
TEKTRONIX, INC.
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
   TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
More results

Similar Description - 2510.062NRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com