Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR39PN Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR39PN
Description  NPN/PNP Silicon Digital Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR39PN Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR39PN Datasheet HTML 1Page - Infineon Technologies AG BCR39PN Datasheet HTML 2Page - Infineon Technologies AG BCR39PN Datasheet HTML 3Page - Infineon Technologies AG BCR39PN Datasheet HTML 4Page - Infineon Technologies AG BCR39PN Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCR39PN
Nov-29-2001
3
NPN Type
DC Current Gain
hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-4
10
-3
10
-2
10
-1
A
IC
1
10
2
10
3
10
Collector-Emitter Saturation Voltage
VCEsat = f (IC), hFE = 20
0
0.1
0.2 0.3 0.4 0.5
0.6 0.7 0.8
V
1
VCEsat
-4
10
-3
10
-2
10
-1
10
A
Input on Voltage
Vi(on) = f (IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-4
10
-3
10
-2
10
-1
10
A
Input off voltage
Vi(off) = f (IC)
VCE = 5V (common emitter configuration)
0
0.5
1
1.5
2
V
3
Vi(off)
-6
10
-5
10
-4
10
-3
10
-2
10
A


Similar Part No. - BCR39PN

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR3 MITSUBISHI-BCR3 Datasheet
31Kb / 2P
   LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30 MITSUBISHI-BCR30 Datasheet
88Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30 MITSUBISHI-BCR30 Datasheet
90Kb / 5P
   MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
   Triac 30 Ampere/400-600 Volts
More results

Similar Description - BCR39PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR15PN INFINEON-BCR15PN Datasheet
156Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Apr-30-2004
BCR35PN INFINEON-BCR35PN_11 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PN INFINEON-BCR22PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-31
BCR35PN INFINEON-BCR35PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR48PN INFINEON-BCR48PN_07 Datasheet
148Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR42PN INFINEON-BCR42PN Datasheet
124Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Dec-13-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com