Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603L004YR Datasheet(PDF) 4 Page - Littelfuse

Part # 0603L004YR
Description  POLY-FUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0603L004YR Datasheet(HTML) 4 Page - Littelfuse

  0603L004YR_16 Datasheet HTML 1Page - Littelfuse 0603L004YR_16 Datasheet HTML 2Page - Littelfuse 0603L004YR_16 Datasheet HTML 3Page - Littelfuse 0603L004YR_16 Datasheet HTML 4Page - Littelfuse 0603L004YR_16 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POLY-FUSE® Resettable PTCs
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/05/15
Surface Mount > 0603L Series
Part Ordering Number System
PACKAGING STYLE
L: LITTELFUSE SURFACE MOUNT PPTC
QUANTITY CODE
R: Tape & Reel
Y: 4000
0603 L xxx Y R - A
SERIES
DEVICE SIZE CODE (0.06 x 0.03 inch)
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
-A: Automotive grade
Blank: Standard version
Packaging
Dimensions
Part
Number
A
B
C
D
E
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Min Max
Min Max Min Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
0603L004 .055 .071 1.40 1.80 .024 .039 0.60 1.00 .016 .030 0.40 0.75 .006 .020 0.15 0.50 .004 .016
0.10 0.40
0603L010
.055 .071 1.40 1.80 .024 .039 0.60 1.00 .016 .030 0.40 0.75 .006 .020 0.15 0.50 .004 .016
0.10 0.40
0603L020 .055 .071 1.40 1.80 .024 .039 0.60 1.00 .016 .030 0.40 0.75 .006 .020 0.15 0.50 .004 .016
0.10 0.40
0603L025 .055 .071 1.40 1.80 .024 .039 0.60 1.00 .016 .030 0.40 0.75 .006 .020 0.15 0.50 .004 .016
0.10 0.40
0603L035 .055 .071 1.40 1.80 .024 .039 0.60 1.00 .030 .061 0.75 1.55 .006 .020 0.15 0.50 .004 .016
0.10 0.40
0603L050 .055 .071 1.40 1.80 .024 .039 0.60 1.00 .030 .061 0.75 1.55 .006 .020 0.15 0.50 .004 .016
0.10 0.40
C
Top
View
Pad
Layout
Side
View
Bottom
View
1mm
(.039”)
0.8mm
(.032”)
D
Marking code varies with
amperage rating -- See
Electrical Characteristics table
E
A
B
1mm
(.039”)
1mm
(.039”)
Solder Pad Layout
Part Number
Ordering Number
Halogen
Free
I
hold
(A)
I
hold Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0603L004
0603L004YR
Yes
0.04
004
Tape and Reel
4000
YR
0603L010
0603L010YR
Yes
0.10
010
Tape and Reel
4000
YR
0603L020
0603L020YR
Yes
0.20
020
Tape and Reel
4000
YR
0603L025
0603L025YR
Yes
0.25
025
Tape and Reel
4000
YR
0603L035
0603L035YR
Yes
0.35
035
Tape and Reel
4000
YR
0603L050
0603L050YR
Yes
0.50
050
Tape and Reel
4000
YR


Similar Part No. - 0603L004YR_16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L004 LITTELFUSE-0603L004 Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
More results

Similar Description - 0603L004YR_16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L075WR LITTELFUSE-1206L075WR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1210L010WR LITTELFUSE-1210L010WR Datasheet
802Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com