Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860CW Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BC860CW
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC860CW Datasheet(HTML) 6 Page - Infineon Technologies AG

  BC860CW Datasheet HTML 1Page - Infineon Technologies AG BC860CW Datasheet HTML 2Page - Infineon Technologies AG BC860CW Datasheet HTML 3Page - Infineon Technologies AG BC860CW Datasheet HTML 4Page - Infineon Technologies AG BC860CW Datasheet HTML 5Page - Infineon Technologies AG BC860CW Datasheet HTML 6Page - Infineon Technologies AG BC860CW Datasheet HTML 7Page - Infineon Technologies AG BC860CW Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC856W...BC860W
6
Dec-11-2001
Collector cutoff current ICBO = f (TA)
VCB = 30V
10
0
50
100
150
EHP00381
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 20
10
0
EHP00380
V
CEsat
10
mA
10
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
Ι
C
C
C
DC current gain hFE = f (IC)
VCE = 5V
10
10
10
10
EHP00382
h
mA
-2
-1
12
FE
3
10
10
2
0
10
5
5
10
1
0
10
5
555
100
25
-50
C
Ι
C
C
C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 20
0
10
EHP00379
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50C


Similar Part No. - BC860CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860CW PHILIPS-BC860CW Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BC860CW SIEMENS-BC860CW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC860CW DIOTEC-BC860CW Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BC860CW KEXIN-BC860CW Datasheet
50Kb / 2P
   PNP General Purpose Transistor
logo
NXP Semiconductors
BC860CW NXP-BC860CW Datasheet
129Kb / 7P
   PNP general purpose transistors
1999 Apr 12
More results

Similar Description - BC860CW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com