Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR42 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR42
Description  NPN/PNP Silicon Digital Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR42 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR42 Datasheet HTML 1Page - Infineon Technologies AG BCR42 Datasheet HTML 2Page - Infineon Technologies AG BCR42 Datasheet HTML 3Page - Infineon Technologies AG BCR42 Datasheet HTML 4Page - Infineon Technologies AG BCR42 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCR42PN
Dec-13-2001
2
Electrical Characteristics
at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
Emitter cutoff current
VEB = 10 V, IC = 0
IEBO
-
-
227
µA
DC current gain 1)
IC = 5 mA, VCE = 5 V
hFE
70
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.5
-
1.2
Input on Voltage
IC = 2 mA, VCE = 0.3 V
Vi(on)
0.8
-
2.5
Input resistor
R1
15
22
29
k

Resistor ratio
R1/R2
0.42
0.47
0.52 -
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
150
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
1) Pulse test: t < 300
s; D < 2%


Similar Part No. - BCR42

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
BCR420UE6327 INFINEON-BCR420UE6327 Datasheet
1Mb / 26P
   LED Driver
Revision 2.1, 2015-01-28
logo
Diodes Incorporated
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR420UFD-7 DIODES-BCR420UFD-7 Datasheet
611Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
More results

Similar Description - BCR42

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR10PN INFINEON-BCR10PN Datasheet
51Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
May-17-2004
BCR15PN INFINEON-BCR15PN Datasheet
156Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Apr-30-2004
BCR35PN INFINEON-BCR35PN_11 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PN INFINEON-BCR22PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-31
BCR35PN INFINEON-BCR35PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR48PN INFINEON-BCR48PN_07 Datasheet
148Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com