Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3298350.ZXSTA Datasheet(PDF) 1 Page - Littelfuse

Part # 3298350.ZXSTA
Description  ZCASE SINGLE MEGA/STARTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3298350.ZXSTA Datasheet(HTML) 1 Page - Littelfuse

  3298350.ZXSTA Datasheet HTML 1Page - Littelfuse 3298350.ZXSTA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.littelfuse.com
ZCASE SINGLE MEGA/STARTER
Description
The Single Zcase is a Minimal Footprint Bolt Down Fuse with a
wide rating range up to 600A in the same packaging size. The
Time Current characteristic is similar to the well known Mega
Design and can used as full wire protection until 250A. Higher
ratings mostly used for typically Starter Fuse application as a
protector fuse. The fuse design is optimized for a one bolt
connection M6 (125 A - 250 A) or M8 (300 A - 600 A) and can
used directly on a battery post or busbar connection. Littelfuse
is offering a complete solution for the necessary stud and
different busbar connections including some battery clamps.
Specifications
Cover/Base Material:
PPA (33% GF)
Insulating Tube:
Out of ceramic
Terminal:
Tin plated Copper
Voltage Rating:
32V DC
Interrupting Rating:
2000A @ 32V VDC
Operating temperature:
-40 to 125°C
Mounting Torque M6:
9.8Nm±1.4Nm
Mounting Torque M8:
14Nm±2Nm
Ordering Information
Part Number
Package Size
3298XXX.ZXSTA
480
3298XXX.Z
480
Ratings
Part number
Current Rating
Wire size
Max. Voltage
Drop
Average Cold
Resistance
I²t
3298125.Z
125 A
16 mm²
110 mV
0.39 mOhm
45000 A²s
3298150.Z
150 A
25 mm²
110 mV
0.32 mOhm
75000 A²s
3298175.Z
175 A
25 mm²
110 mV
0.26 mOhm
140000 A²s
3298200.Z
200 A
35 mm²
110 mV
0.231 mOhm
235000 A²s
3298225.Z
225 A
35 mm²
110 mV
0.175 mOhm
95000 A²s
3298250.Z
250 A
50 mm²
110 mV
0.167 mOhm
160000 A²s
3298300.ZXSTA
300 A
35 mm²
70 mV
0.128 mOhm
310000 A²s
3298350.ZXSTA
350 A
35 mm²
70 mV
0.103 mOhm
570000 A²s
3298400.ZXSTA
400 A
50 mm²
70 mV
0.084 mOhm
870000 A²s
3298500.ZXSTA
500 A
50 mm²
70 mV
0.065 mOhm
1550000 A²s
3298600.ZXSTA
600 A
50 mm²
70 mV
0.049 mOhm
3000000 A²s
3298900.Z
SHUNT
50 mm²
-
-
-
High Current Fuses
Time-Current Characteristics
% of Rating
Opening Time Min / Max (s)
125A - 250A
300A - 600A
50
– / –
14,400 / –
100
14,400 / –
– / –
135
120 / 1800
– / –
200
1 / 15
1 / 40
350
0.300 / 5
0.300 / 5
500
– / –
0.100 / 1 (only for 500A)
600
0.100 / 1
0.100 / 1 (except 600A)


Similar Part No. - 3298350.ZXSTA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
   160 MHz Notch Filter
3298-500-1000 KR-3298-500-1000 Datasheet
69Kb / 3P
   KR Electronics part number 3298-500-1000 is a 1000 MHz notch filter
3298-82-160 KR-3298-82-160 Datasheet
70Kb / 3P
   160 MHz Notch Filter
logo
TE Connectivity Ltd
329860 TEC-329860 Datasheet
335Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 3298350.ZXSTA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BMZS LITTELFUSE-BMZS Datasheet
236Kb / 1P
   BATTERY-MOUNTED ZCASE® FUSE HOLDER
2021 Littelfuse, Inc.
0FHZ0001Z LITTELFUSE-0FHZ0001Z Datasheet
688Kb / 2P
   FHZ SERIES 5 STUD ZCASE FUSE HOLDERS
0FHZ0201Z LITTELFUSE-0FHZ0201Z Datasheet
755Kb / 2P
   SMZ SERIES STUD MOUNT ZCASE FUSE HOLDER
0FHZ00854-BX LITTELFUSE-0FHZ00854-BX Datasheet
874Kb / 2P
   BMZ SERIES BATTERY POST MOUNT ZCASE FUSE HOLDER
882-854 LITTELFUSE-882-854 Datasheet
874Kb / 2P
   BMZ SERIES BATTERY POST MOUNT ZCASE FUSE HOLDER
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
BTL-52BLC-XX-X DBLECTRO-BTL-52BLC-XX-X Datasheet
225Kb / 3P
   MEGA BRIGHT LED
BTL-52YGC-XX-X DBLECTRO-BTL-52YGC-XX-X Datasheet
252Kb / 3P
   MEGA BRIGHT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com