Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40-526-11 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 40-526-11
Description  Zero-Insertion-Force Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

40-526-11 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  40-526-11 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10018
Rev. 2.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SERIES 516 STANDARD ZIF SOCKET, SEE DATA SHEET 10017
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Choiceof24-,28-,or40-pinCountDevicesInsertedwithoutBendingorDamagingDeviceLegs
• InsertandRemoveComponentsfromSocketwithoutForce
• MetalCamprovidesStrong,SmoothActionasitmovestoaPositiveStop,Compressingthe
Double-sidedContacts,EnsuringGas-tightSeal
• TestPointOpeningsReachAllPins
GENERAL SPECIFICATIONS
PLASTIC BODY:BlackUL94V-0Glass-filled4/6Nylon
CONTACTS:Spring-temperedBeCu172
CONTACT PLATING:200µ[5.08µ]min.matteSnperASTMB545-97(2004)over50µ[1.27µ]min.Ni
perSAEAMS-QQ-N-290
–OR– 200µ[5.08µ]min.90/10Sn/PbperMIL-T-10727over50µ[1.27µ]min.
NiperSAEAMS-QQ-N-290
–OR– 10µ[0.25µ]min.AuperMIL-G-45204over50µ[1.27µ]min.Niper
SAEAMS-QQ-N-290–consultfactoryforavailability
CAM:lightweight,strong,andrigidcastZn
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]forSn&Sn/Pbplating;-67°Fto257°F
[-55°Cto125°C]forAuplating
CONTACT CURRENT RATING:2amps
CONTACT RESISTANCE: 10 MΩ max.
BREAKDOWN VOLTAGE:1000VACmin.
AVERAGE RETENTION FORCE (when closed):110g/Pb,basedon0.010[0.25]dia.testlead
ACCEPTS LEADS:0.008-0.014[0.20-0.36]thickleads,0.075-0.200[1.91-5.08]long
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ±0.05] dia.
Series 526 Lo-PRO®file
Zero-Insertion-Force Socket
No. of Positions
Dim. “A”
Dim. “B”
24
1.450 [36.83]
1.100 [27.94]
28
1.650 [41.90]
1.300 [33.02]
40
2.250 [57.15]
1.900 [48.26]
ORDERING INFORMATION
XX-526-1 XXX
Plating
0=Sn
0TL=Sn/Pb
1=Au
Solder Tail Only
Series
Pins–(SeeTable)


Similar Part No. - 40-526-11

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40-50RE ANAREN-40-50RE Datasheet
332Kb / 2P
   BeO Ceramic
40-50TPP ANAREN-40-50TPP Datasheet
219Kb / 2P
   Low VSWR
40-50TPP-S ANAREN-40-50TPP-S Datasheet
219Kb / 2P
   BeO Ceramic
logo
Aries Electronics, Inc.
40-516-10 ARIES-40-516-10 Datasheet
611Kb / 1P
   Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
40-516-10TL ARIES-40-516-10TL Datasheet
611Kb / 1P
   Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
More results

Similar Description - 40-526-11

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
   Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com