Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZR32LG330F64R55G Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EZR32LG330F64R55G
Description  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG330F64R55G Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EZR32LG330F64R55G Datasheet HTML 4Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 5Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 6Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 7Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 8Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 9Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 10Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 11Page - Silicon Laboratories EZR32LG330F64R55G Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
3.1.30 EZRadio® and EZRadioPro® Transceivers
The EZR32LG family of devices is built using high-performance, low-current EZRadio and EZRadioPro RF transceivers covering the
sub-GHz frequency bands from 142 to 1050 MHz. These devices offer outstanding sensitivity of upto –133 dBm (using EZRadioPro)
while achieving extremely low active and standby current consumption. The EZR32LG devices using the EZRadioPro transceiver offer
frequency coverage in all major bands and include optimal phase noise, blocking, and selectivity performance for narrow band and li-
censed band applications, such as FCC Part 90 and 169 MHz wireless Mbus. The 69 dB adjacent channel selectivity with 12.5 kHz
channel spacing ensures robust receive operation in harsh RF conditions, which is particularly important for narrow band operation. The
active mode TX current consumption of 18 mA at +10 dBm and RX current of 10 mA coupled with extremely low standby current and
fast wake times is optimized for extended battery life in the most demanding applications. The EZR32LG devices can achieve up to +27
dBm output power with built-in ramping control of a low-cost external FET. The devices can meet worldwide regulatory standards: FCC,
ETSI, and ARIB. All devices are designed to be compliant with 802.15.4g and WMbus smart metering standards. The devices are high-
ly flexible and can be programmed and configured via Simplicity Studio, available at www.silabs.com.
Communications between the radio and MCU are done over USART, PRS and IRQ, which requires the pins to be configured in the
following way:
Table 3.1. Radio MCU Communication Configuration
EZR32LG Pin
Radio Assignment
EZR32LG Function Assignment
PE8
SDN
GPIO Output
PE9
nSEL
Bit-Banged SPI.CS (GPIO Output)
PE10
SDI
US0_TX #0
PE11
SDO
US0_RX #0
PE12
SCLK
US0_CLK #0
PE13
nIRQ
GPIO_EM4WU5 (GPIO Input with IRQ ena-
bled)
PE14
GPIO1
PRS Input
PA15
GPIO0
PRS Input
EZR32LG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 7


Similar Part No. - EZR32LG330F64R55G

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32LG330F64R55G-B0 SILABS-EZR32LG330F64R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F64R55G-B0R SILABS-EZR32LG330F64R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Similar Description - EZR32LG330F64R55G

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com