Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI513 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI513
Description  DUAL FREQUENCY CRYSTAL OSCILLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI513 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI513 Datasheet HTML 5Page - Silicon Laboratories SI513 Datasheet HTML 6Page - Silicon Laboratories SI513 Datasheet HTML 7Page - Silicon Laboratories SI513 Datasheet HTML 8Page - Silicon Laboratories SI513 Datasheet HTML 9Page - Silicon Laboratories SI513 Datasheet HTML 10Page - Silicon Laboratories SI513 Datasheet HTML 11Page - Silicon Laboratories SI513 Datasheet HTML 12Page - Silicon Laboratories SI513 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si512/513
Rev. 1.0
9
Table 6. Output Clock Jitter and Phase Noise (HCSL)
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = HCSL
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Period Jitter
(RMS)
JPRMS
10k samples*
——
1.2
ps
Period Jitter
(Pk-Pk)
JPPKPK
10k samples*
——
11
ps
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth*(brickwall)
—0.25
0.30
ps
12 kHz to 20 MHz integration band-
width* (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
–90
dBc/Hz
1kHz
–112
dBc/Hz
10 kHz
–120
dBc/Hz
100 kHz
–127
dBc/Hz
1 MHz
–140
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
dBc
*Note:
Applies to an output frequency of 100 MHz.
Table 7. Output Clock Jitter and Phase Noise (CMOS, Dual CMOS)
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = CMOS, Dual CMOS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.25
0.35
ps
12 kHz to 20 MHz integration
bandwidth2 (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
–86
dBc/Hz
1 kHz
–108
dBc/Hz
10 kHz
–115
dBc/Hz
100 kHz
–123
dBc/Hz
1 MHz
–136
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 MHz.


Similar Part No. - SI513

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si513 SILABS-Si513 Datasheet
1Mb / 20P
   Two selectable output frequencies
More results

Similar Description - SI513

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8N3D085 RENESAS-IDT8N3D085 Datasheet
735Kb / 20P
   LVPECL Dual Frequency Programmable Crystal Oscillator
DECEMBER 14, 2012
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA_11 Datasheet
275Kb / 1P
   Frequency Controlled Crystal Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Vectron International, ...
FX-401 VECTRON-FX-401 Datasheet
1Mb / 8P
   Frequency Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com