Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2761 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2761
Description  Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2761 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2761 Datasheet HTML 1Page - Supertex, Inc HV2761 Datasheet HTML 2Page - Supertex, Inc HV2761 Datasheet HTML 3Page - Supertex, Inc HV2761 Datasheet HTML 4Page - Supertex, Inc HV2761 Datasheet HTML 5Page - Supertex, Inc HV2761 Datasheet HTML 6Page - Supertex, Inc HV2761 Datasheet HTML 7Page - Supertex, Inc HV2761 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV2761
Supertex inc.
www.supertex.com
Doc.# DSFP-HV2761
NR010913
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Parameter
Value
V
DD logic supply
-0.5V to +6.5V
V
PP - VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN + 200V
V
NN negative supply
+0.5V to - 200V
Logic input voltage
-0.5V to V
DD + 0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Power dissipation
1.0W
Recommended Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage
3.0V to 5.5V
V
PP
Positive high voltage supply
+40V to V
NN + 200V
V
NN
Negative high voltage supply
-40V to - 160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0V to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP - 10V
T
A
Operating free air temperature
0OC to 70OC
Pin Configuration
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
1
48
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV2761FG
LLLLLLLLL
CCCCCCCC
AAA
48-Lead LQFP
48-Lead LQFP
(top view)
Package may or may not include the following marks: Si or
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W
-G indicates package is RoHS compliant (‘Green’)
Ordering Information
Part Number
Package
Packing
HV2761FG-G
48-Lead LQFP
250/Tray
HV2761FG-G M931 48-Lead LQFP
1000/Reel


Similar Part No. - HV2761

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2762GA-G MICROCHIP-HV2762GA-G Datasheet
614Kb / 16P
   Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
More results

Similar Description - HV2761

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com