Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2808K6-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV2808K6-G
Description  Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2808K6-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV2808K6-G Datasheet HTML 1Page - Supertex, Inc HV2808K6-G Datasheet HTML 2Page - Supertex, Inc HV2808K6-G Datasheet HTML 3Page - Supertex, Inc HV2808K6-G Datasheet HTML 4Page - Supertex, Inc HV2808K6-G Datasheet HTML 5Page - Supertex, Inc HV2808K6-G Datasheet HTML 6Page - Supertex, Inc HV2808K6-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Supertex inc.
www.supertex.com
HV2808
Doc.# DSFP-HV2808
C121712
Pin
Function
1
Y2829
2
SW29
3
SW30
4
Y3031
5
SW31
6
NC
7
VDD
8
A/B
9
GND
10
SW0
11
Y01
12
SW1
13
SW2
14
Y23
Pin
Function
15
SW3
16
SW4
17
Y45
18
SW5
19
SW6
20
Y67
21
SW7
22
SW8
23
Y89
24
SW9
25
SW10
26
Y1011
27
SW11
28
SW12
Pin
Function
29
Y1213
30
SW13
31
VNN
32
SW14
33
Y1415
34
SW15
35
VPP
36
VPP
37
SW16
38
Y1617
39
SW17
40
VNN
41
SW18
42
Y1819
Pin
Function
43
SW19
44
SW20
45
Y2021
46
SW21
47
SW22
48
Y2223
49
SW23
50
SW24
51
Y2425
52
SW25
53
SW26
54
Y2627
55
SW27
56
SW28
Pin Function
VSUB (Thermal Pad)
The central thermal pad on the bottom of package must be connected to VNN externally


Similar Part No. - HV2808K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2802GA-G MICROCHIP-HV2802GA-G Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
HV2803/AHA MICROCHIP-HV2803/AHA Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
More results

Similar Description - HV2808K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
   Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
   Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
Supertex, Inc
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
   Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
   32-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com