Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2808K6-GM937 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV2808K6-GM937
Description  Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2808K6-GM937 Datasheet(HTML) 2 Page - Supertex, Inc

  HV2808K6-GM937 Datasheet HTML 1Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 2Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 3Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 4Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 5Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 6Page - Supertex, Inc HV2808K6-GM937 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
HV2808
Doc.# DSFP-HV2808
C121712
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Parameter
Value
V
DD logic supply
-0.5V to +6.5V
V
PP-VNN differential supply
220V
V
PP positive supply
-0.5V to V
NN +200V
V
NN negative supply
+0.5V to -200V
Logic input voltage
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to 150°C
Thermal resistance, θ
ja
27OC/W
Thermal resistance, θ
jc
0.5OC/W
Recommended Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage
3.0 to 5.5V
V
PP
Positive high voltage supply
+40 to V
NN +200V
V
NN
Negative high voltage supply
-40 to -160V
V
IH
High level input voltage
0.9V
DD to VDD
V
IL
Low level input voltage
0 to 0.1V
DD
V
SIG
Analog signal voltage peak-to-peak
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0 to 70OC
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Pin Configuration
Product Marking
56-Lead QFN
56-Lead QFN
(top view)
Package may or may not include the following marks: Si or
1
56
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV2808K6
LLLLLLLLL
YYWW
AAA CCC
Typical Thermal Characteristics
Package
θ
ja
56-Lead QFN (K6)
21OC/W
Ordering Information
Part Number
Package Option
Packing
HV2808K6-G
56-Lead QFN (8x8)
250/Tray
HV2808K6-G M937
56-Lead QFN (8x8)
2000/Reel
-G indicates package is RoHS compliant (‘Green’)


Similar Part No. - HV2808K6-GM937

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2802GA-G MICROCHIP-HV2802GA-G Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
HV2803/AHA MICROCHIP-HV2803/AHA Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
More results

Similar Description - HV2808K6-GM937

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
   Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
logo
Microchip Technology
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
   Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
Supertex, Inc
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
   Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
   32-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com