Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44355116 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 44355116
Description  Series 55 Universal Zero-Insertion-Force DIP Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

44355116 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  44355116 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10001
Rev. 1.7
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR TEST SOCKET RECEPTACLES, SEE DATA SHEET 10003
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• AcceptsDeviceson0.300to0.600[7.62to15.24]Centers
• AllPinCountSocketsgointoPCBwitheither0.300or0.600[7.62or15.24]Centers
• ContactsNormally-closedtoEliminateDependenceonPlastictoSustainContactIntegrity
• SocketHandleConfiguredwithClosedContacts(on)whenintheUporDownPosition,and
MountedontheRight-orLeft-handSide
• SocketsmaybeSolderedintoPCBsorPluggedintoAnySocketorReceptacle
GENERAL SPECIFICATIONS
SOCKET BODY:BlackUL94V-0glass-filledPolyphenyleneSulfide(PPS)
HANDLE:StainlessSteel
HANDLE KNOB:Brass360,1/2-hard
CONTACTS:BeCu172perQQ-C-533
–OR–SpinodalAlloy
CONTACT PLATING:50μ[1.27μ]min.Niunder-plateperQQ-N-290,over-platedwitheither
200μ[5.08μ]min.matteSnperASTMB545-97
–OR–50μ[1.27μm]NiB
CONTACT CURRENT RATING:1amp
INSULATION RESISTANCE: 1000 MΩmin.
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
LIFE CYCLE:25,000to50,000cycles
OPERATING TEMPERATURE:221°F[105°C]Snplating;302°F[150°C]Auplating;392°F
[200°C]NiBplating
RETENTION FORCE(closed):55g/pinbasedona0.020[0.51]dia.testlead
ACCEPTS LEADS:0.015-0.045[0.38-1.14]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• SeeSocketFootprint
Series 55 Universal Zero-Insertion-Force
DIP Test Socket
ORDERING INFORMATION
XX-X55X-X X
Plating
0=SnoverNi
0TL=Sn/PboverNi
1=AuoverNi
6=NiB(Spinodalonly)
Termination
1=SolderPinTail
Handle Options
1=Leftupisclosed
2=Rightupisclosed
3=Leftdownisclosed
4=Rightdownisclosed(std)
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24]
No. of Pins
24,28,32,36,40,42,44,48


Similar Part No. - 44355116

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
4435 AEROFLEX-4435 Datasheet
76Kb / 6P
   ARX4435 Transceiver for Macair H009 Specification
4435 AEROFLEX-4435 Datasheet
153Kb / 6P
   ARX4435N Transceiver for Macair H009 Specification
logo
GUANGDONG HOTTECH INDUS...
4435 HOTTECH-4435 Datasheet
606Kb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
4435 VBSEMI-4435 Datasheet
1,009Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
List of Unclassifed Man...
4435 ETC-4435 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
More results

Similar Description - 44355116

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3570-10 ARIES-24-3570-10 Datasheet
551Kb / 2P
   Quick-Release Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com