Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1102 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI1102
Description  OPTICAL PROXIMITY DETECTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1102 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI1102 Datasheet HTML 1Page - Silicon Laboratories SI1102 Datasheet HTML 2Page - Silicon Laboratories SI1102 Datasheet HTML 3Page - Silicon Laboratories SI1102 Datasheet HTML 4Page - Silicon Laboratories SI1102 Datasheet HTML 5Page - Silicon Laboratories SI1102 Datasheet HTML 6Page - Silicon Laboratories SI1102 Datasheet HTML 7Page - Silicon Laboratories SI1102 Datasheet HTML 8Page - Silicon Laboratories SI1102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Si1102
4
Rev. 1.0
1. Electrical Specifications
Table 1. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
–0.3
5.5
V
Operating Temperature
–55
85
°C
Storage Temperature
–65
85
°C
Voltage on TXO with respect to
GND
–0.3
5.5
V
Voltage on all other Pins with
respect to GND
–0.3
VDD + 0.3
V
Maximum total current through
TXO (TXO Active)
——
500
mA
Maximum Total Current through
TXGD and VSS
——
600
mA
Maximum Total Current through
all other Pins
——
100
mA
ESD Rating
Human body model
2
kV
Table 2. Recommended Operating Conditions
Parameter
Symbol
Conditions/Notes
Min
Typ
Max
Units
Supply Voltage
VDD
–40 to +85 °C, VDD to VSS
2.2
3.3
5.25
V
Operating Temperature
–40
25
85
°C
SREN High Threshold
VIH
VDD – 0.6
V
SREN Low Threshold
VIL
0.6
V
Active TXO Voltage1
——
1.0
V
Peak-to-Peak Power Supply
Noise Rejection
VDD =3.3 V, 1kHz–10MHz no
spurious PRX or less than 20%
reduction in range
50
mVPP
on VDD
DC Ambient light
Edc
VDD =3.3 V
1
100
klux
LED Emission Wavelength2
600
850
950
nm
Notes:
1. Minimum R1 resistance should be calculated based on LED forward voltage, maximum LED current, LED voltage rail
used, and maximum active TXO voltage.
2. When using LEDs near the min and max wavelength limits, higher radiant intensities may be needed to achieve the
system's proximity sensing performance goals.


Similar Part No. - SI1102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1102 SILABS-SI1102 Datasheet
1Mb / 22P
   DESIGNERS GUIDE
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
More results

Similar Description - SI1102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com