Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37702M2BXXXFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37702M2BXXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37702M2BXXXFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37702M2BXXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37702M2BXXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2BXXXFP, M37702S1BFP
(The fastest instruction at 25 MHz frequency) .................. 160 ns
• Single power supply ..................................................... 5 V ± 10%
• Low power dissipation (at 16 MHz frequency)
......................................... 60 mW (Typ.)
• Interrupts ............................................................ 19 types 7 levels
• Multiple function 16-bit timer ................................................ 5 + 3
• UART (may also be synchronous) .............................................. 2
• 8-bit A-D converter ............................................. 8-channel inputs
• 12-bit watchdog timer.
• Programmable input/output
(ports P0, P1, P2, P3, P4, P5, P6, P7, P8) .............................. 68
APPLICATION
Control devices for office equipment such as copiers, printers,
typewriters, facsimiles, word processors, and personal computers
Control devices for industrial equipment such as ME, NC, commu-
nication and measuring instruments.
NOTE
Refer to “Chapter 5 PRECAUTIONS” when using this microcom-
puter.
DESCRIPTION
The M37702M2AXXXFP is a single-chip microcomputers
designed with high-performance CMOS silicon gate technology.
This is housed in a 80-pin plastic molded QFP. This single-chip
microcomputer has a large 16 M bytes address space, three in-
struction queue buffers, and two data buffers for high-speed
instruction execution. The CPU is a 16-bit parallel processor that
can also be switched to perform 8-bit parallel processing. This
microcomputer is suitable for office, business, and industrial
equipment controller that require high-speed processing of large
data.
The differences between M37702M2AXXXFP, M37702M2BXXXFP,
M37702S1AFP and M37702S1BFP are the ROM size and the ex-
ternal clock input frequency as shown below. Therefore, the
following descriptions will be for the M37702M2AXXXFP unless
otherwise noted.
FEATURES
• Number of basic instructions ..................................................103
• Memory size
ROM ................................................ 16 K bytes
RAM ................................................. 512 bytes
• Instruction execution time
M37702M2AXXXFP, M37702S1AFP
(The fastest instruction at 16 MHz frequency) .................. 250 ns
M37702M2-XXXFP and
M37702S1FP are respectively
unified into M37702M2AXXXFP
and M37702S1AFP.
PIN CONFIGURATION (TOP VIEW)
External clock input frequency
16 MHz
25 MHz
16 MHz
25 MHz
Type name
M37702M2AXXXFP
M37702M2BXXXFP
M37702S1AFP
M37702S1BFP
ROM size
16 K bytes
16 K bytes
External
External
The M37702M2AXXXFP and M37702S1AFP satisfy the timing
requirements and the switching characteristics of the former
M37702M2-XXXFP and M37702S1FP.
P40/HOLD
P27/A23/D7
25
27
26
28
34
29
31
32
33
35
38
39
40
80
79
78
77
76
75
74
73
72
71
69
67
66
65
70
Outline 80P6N-A
P74/AN4
P73/AN3
P72/AN2
P71/AN1
P75/AN5
P76/AN6
P77/AN7/ADTRG
VSS
AVSS
VREF
AVCC
VCC
P80/CTS0/RTS0
P81/CLK0
P82/RXD0
P83/TXD0
RESET
XOUT
P32/ALE
P30/R/W
P31/BHE
CNVSS
Vss
BYTE
XIN
P26/A22/D6
P25/A21/D5
P24/A20/D4
E
P33/HLDA
68
37
36
30
M37702M2AXXXFP
or
M37702M2BXXXFP
or
M37702S1AFP
or
M37702S1BFP
V : Used in the evaluation chip mode only


Similar Part No. - M37702M2BXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702M2BXXXFP RENESAS-M37702M2BXXXFP Datasheet
751Kb / 60P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37702M2BXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com