Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR114T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR114T
Description  NPN Silicon Digital Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR114T Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR114T Datasheet HTML 1Page - Infineon Technologies AG BCR114T Datasheet HTML 2Page - Infineon Technologies AG BCR114T Datasheet HTML 3Page - Infineon Technologies AG BCR114T Datasheet HTML 4Page - Infineon Technologies AG BCR114T Datasheet HTML 5Page - Infineon Technologies AG BCR114T Datasheet HTML 6Page - Infineon Technologies AG BCR114T Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aug-29-2003
4
BCR114...
DC current gain hFE = ƒ(IC)
VCE = 5 V (common emitter configuration)
10
-4
10
-3
10
-2
10
-1
A
IC
0
10
1
10
2
10
3
10
Collector-emitter saturation voltage
VCEsat = ƒ(IC), hFE = 20
0
0.1
0.2
0.3
V
0.5
VCEsat
-3
10
-2
10
-1
10
A
Input on Voltage Vi(on) = ƒ(IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-4
10
-3
10
-2
10
-1
10
A
Input off voltage Vi(off) = ƒ(IC)
VCE = 5V (common emitter configuration)
0
0.5
1
V
2
Vi(off)
-6
10
-5
10
-4
10
-3
10
-2
10
A


Similar Part No. - BCR114T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR114 INFINEON-BCR114 Datasheet
64Kb / 6P
   NPN Silicon Digital Transistor
2007-09-17
BCR114F INFINEON-BCR114F Datasheet
64Kb / 6P
   NPN Silicon Digital Transistor
2007-09-17
BCR114 INFINEON-BCR114_07 Datasheet
64Kb / 6P
   NPN Silicon Digital Transistor
2007-09-17
More results

Similar Description - BCR114T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com