Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS385-2.5BN Datasheet(PDF) 6 Page - Advanced Monolithic Systems Ltd

Part # AMS385-2.5BN
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS385-2.5BN Datasheet(HTML) 6 Page - Advanced Monolithic Systems Ltd

  AMS385-2.5BN Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMS285-2.5/AMS385-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
-4
4
8
16
0.1
1
10
100
Reverse Characteristics
0
T
A =25° C
0.1
1000
0.1
1
10
100
Reverse Dynamic Impedance
1
100
0.01
0
0.4
1.6
0.1
1
10
100
0.8
0.01
REVERSE CURRENT (mA)
REVERSE CURRENT (mA)
0
0.5
1.0
1.5
2.0
2.5
0.1
100
10
3.0
REVERSE VOLTAGE (V)
1
Reverse Characteristics
Forward Characteristics
FORWARD CURRENT (mA)
10
100
1k
10k
100k
0.1
1k
10
Reverse Dynamic Impedance
1M
FREQUENCY (Hz)
1
10k
100
-55
5
25 45 65 85 105
2.530
2.490
125
Temperature Drift
0
10
0
1.0
3.0
0
200
400
600
TIME (
µs)
Response Time
2.0
~
~
~
~
0
400
800
1200
1400
100
1k
10k
100k
Noise Voltage
200
1000
I
R= 100µA
10
FREQUENCY (Hz)
600
100
1k
10k
100k
CUTOFF FREQUENCY (Hz)
0
20
40
60
80
100
120
TEMPERATURE (° C)
2.510
2.470
2.460
-35 -15
I
R= 100µA
T
A =-55° C
T
A =125° C
T
A =125° C
T
A =-55° C
T
A =25° C
T
A =-55° C
T
A =25° C
T
A =125° C
T
A =25° C
I
R= 100µA
T
A =-55° C
T
A =25° C
T
A =125° C
I
R= 100µA
100
µA
OUTPUT
AMS385-2.5
OUTPUT
100k
INPUT
OUTPUT
INPUT
SINGLE POLE LOW PASS
SHARP CUTOFF
FILTER
Filtered Output Noise
0.01
10
12
1.2
2.520
2.500
2.480
2.450
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS385-2.5BN

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS385-2.5BN ADMOS-AMS385-2.5BN Datasheet
172Kb / 8P
   Battery Powered Systems
More results

Similar Description - AMS385-2.5BN

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com