Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12036 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 12036
Description  Series 0625 Pin-Line Header w/Screw Machine Contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

12036 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  12036 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12036
Rev. 5.1
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR COINED CONTACTS, SEE DATA SHEET 12034
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• AvailableineitherScrewMachineorCoinedContactsinaVarietyofStyles
• HeadercanbeCuttotheDesiredNumberofPositionswith“break”Feature
• Side-to-sideandEnd-to-endStackable
GENERAL SPECIFICATIONS
BODY MATERIAL:BlackUL94V-0Glass-filled4/6Nylon
FORK AND POST CONTACTS:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
SOLDER CUP CONTACTS:PhosphorBronzeper544UNSC54400ASTMB139-01
CONTACT PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR–200µ[5.08µ]min.93/7Sn/Pb
perASTMB545
–OR–200µ[5.08µ]min.SnperASTMB545Type1over100µ[2.54µ]min.Niper
SAE AMS-QQ-N-290B
CONTACT CURRENT RATING:2amps(3ampsforPinStyle5)
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]forSnandSn/Pbplating;-67°Fto
257°F[-55°Cto125°C]forAuplating
ACCEPTS LEADS:upto0.035[0.89]dia.
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.028 ±0.002 [0.71 ±0.05] dia.
Series 0625 Pin-LineHeader
w/Screw Machine Contacts
ORDERING INFORMATION
XX-0625-X XXX
Plating
0= Sn
OTL= Sn/Pb
1= Au
Pin Style
(SeeDrawing)
Series
No. of Pins
(1to25)


Similar Part No. - 12036

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1203602 PHOENIX-1203602 Datasheet
79Kb / 3P
   CRIMPFOX 50
1203615 PHOENIX-1203615 Datasheet
95Kb / 3P
   CRIMPFOX INC 6
1203628 PHOENIX-1203628 Datasheet
73Kb / 2P
   CRIMPFOX UR 10
1203631 PHOENIX-1203631 Datasheet
74Kb / 2P
   CRIMPFOX UC 6-PLUS
1203644 PHOENIX-1203644 Datasheet
92Kb / 3P
   CRIMPFOX LC-AI 25
More results

Similar Description - 12036

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-0501-20 ARIES-08-0501-20 Datasheet
438Kb / 2P
   Series 0625 Pin-Line Headers with Screw Machine Contacts
12035 ARIES-12035 Datasheet
937Kb / 1P
   Series 625 DIP Header w/Screw Machine Contacts
13009 ARIES-13009 Datasheet
656Kb / 1P
   Series 0517 Pin-Line Vertisocket w/Collet Contacts
logo
Tyco Electronics
1-601967-1 MACOM-1-601967-1 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
1-601967-5 MACOM-1-601967-5 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
logo
TE Connectivity Ltd
408-7516 TEC-408-7516 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
logo
Aries Electronics, Inc.
12034 ARIES-12034 Datasheet
727Kb / 1P
   Series 0600 Strip-Line Header w/Coined Contacts
12013 ARIES-12013 Datasheet
543Kb / 1P
   Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
12008 ARIES-12008 Datasheet
572Kb / 1P
   Series 511 Strip-Line Socket w/Bifurcated Contacts & Solder Pin Tails
logo
Adam Technologies, Inc.
ICM-6XX-1-GT ADAM-TECH-ICM-6XX-1-GT Datasheet
87Kb / 1P
   SCREW MACHINE SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com