Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR135 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR135
Description  NPN Silicon Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR135 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR135 Datasheet HTML 1Page - Infineon Technologies AG BCR135 Datasheet HTML 2Page - Infineon Technologies AG BCR135 Datasheet HTML 3Page - Infineon Technologies AG BCR135 Datasheet HTML 4Page - Infineon Technologies AG BCR135 Datasheet HTML 5Page - Infineon Technologies AG BCR135 Datasheet HTML 6Page - Infineon Technologies AG BCR135 Datasheet HTML 7Page - Infineon Technologies AG BCR135 Datasheet HTML 8Page - Infineon Technologies AG BCR135 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
May-17-2004
2
BCR135.../SEMH9
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
6
Input on voltage
Vi(on)
20
Collector current
IC
100
mA
Total power dissipation
BCR135, TS ≤ 102°C
BCR135F, TS ≤ 128°C
BCR135L3, TS ≤ 135°C
BCR135S, TS ≤ 115°C
BCR135T, TS ≤ 109°C
BCR135W, TS ≤ 124°C
SEMH9, TS ≤ 75°C
Ptot
200
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BCR135
BCR135F
BCR135L3
BCR135S
BCR135T
BCR135W
SEMH9
RthJS
≤ 240
≤ 90
≤ 60
≤ 140
≤ 165
≤ 105
≤ 300
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR135

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR135 SIEMENS-BCR135 Datasheet
51Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-23
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
   NPN Silicon Digital Transistor
2011-08-19
BCR135F INFINEON-BCR135F Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-23
logo
Siemens Semiconductor G...
BCR135S SIEMENS-BCR135S Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
More results

Similar Description - BCR135

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com