Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSM80100M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DSM80100M
Description  PNP TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSM80100M Datasheet(HTML) 1 Page - Diodes Incorporated

  DSM80100M Datasheet HTML 1Page - Diodes Incorporated DSM80100M Datasheet HTML 2Page - Diodes Incorporated DSM80100M Datasheet HTML 3Page - Diodes Incorporated DSM80100M Datasheet HTML 4Page - Diodes Incorporated DSM80100M Datasheet HTML 5Page - Diodes Incorporated DSM80100M Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DSM80100M
Document number: DS37319 Rev. 2 - 2
1 of 6
www.diodes.com
November 2014
© Diodes Incorporated
DSM80100M
PNP TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
Features
Integrates one PNP Transistor (Q1) and two Switching Diodes
(D1, D2) in a Single Compact Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe
(Lead-Free Plating). Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.01 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DSM80100M-7
SOT26
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
Code
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Top View
Pin Configuration
Device Schematic
100M = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: B = 2014)
M = Month (ex: 9 = September)
1
2
4
6
5
3
Q1
D1
D2
1
2
3
6
5
4
Q1
D1
D2
100M
e3


Similar Part No. - DSM80100M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSM80101M DIODES-DSM80101M Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
DSM80101M-7 DIODES-DSM80101M-7 Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
More results

Similar Description - DSM80100M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSM80100MT1G ONSEMI-NSM80100MT1G Datasheet
117Kb / 6P
   PNP Transistor with Dual Series Switching Diode
December, 2013 ??Rev. 3
logo
Diodes Incorporated
DSM80101M DIODES-DSM80101M Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
NSM80101MT1G ONSEMI-NSM80101MT1G Datasheet
117Kb / 6P
   NPN Transistor with Dual Series Switching Diode
December, 2013 ??Rev. 3
logo
Pan Jit International I...
MMDT3906TB6 PANJIT-MMDT3906TB6 Datasheet
135Kb / 4P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT2907A PANJIT-MMDT2907A Datasheet
106Kb / 5P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT4403 PANJIT-MMDT4403 Datasheet
121Kb / 3P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT3906 PANJIT-MMDT3906_06 Datasheet
153Kb / 4P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT4403TB6 PANJIT-MMDT4403TB6 Datasheet
123Kb / 3P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com