Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK03318RHST Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318RHST
Description  Ultra-Low-Noise Jitter Clock Generator Family
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318RHST Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK03318RHST Datasheet HTML 6Page - Texas Instruments LMK03318RHST Datasheet HTML 7Page - Texas Instruments LMK03318RHST Datasheet HTML 8Page - Texas Instruments LMK03318RHST Datasheet HTML 9Page - Texas Instruments LMK03318RHST Datasheet HTML 10Page - Texas Instruments LMK03318RHST Datasheet HTML 11Page - Texas Instruments LMK03318RHST Datasheet HTML 12Page - Texas Instruments LMK03318RHST Datasheet HTML 13Page - Texas Instruments LMK03318RHST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
LMK03318
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
8.11 PLL Characteristics
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPD
Phase detector frequency
1
150
MHz
PN1Hz
PLL figure of merit(1)
–231
dBc/Hz
PN10kHz
PLL 1/f noise at 10 kHz offset ICP = 6.4 mA, 25 MHz phase detector
–136
dBc/Hz
normalized to 1 GHz(2)
ICP-HIZ
Charge-pump leakage in Hi-Z
55
nA
Mode
(1)
PLL flat phase noise = PN1 Hz + 20 × log(N) + 10 × log(fPD), with wide loop bandwidth and away from1/f noise region.
(2)
Phase noise normalized to 1 GHz. PLL 1/f phase noise = PN10 kHz + 20 × log(FOUT/1 GHz) – 10 × log(offset/10 kHz)
8.12 1.8-V LVCMOS Output Characteristics (OUT[7:0])
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDDO_x = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to
+85°C, outputs loaded with 2 pF to GND
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency
1
200
MHz
VOH
(2)
Output high voltage
IOH = 1 mA
1.35
V
VOL
Output low voltage
IOL = 1 mA
0.35
V
IOH
Output high current
21
mA
IOL
Output low current
–21
mA
tR/tF
Output rise/fall time
20% to 80%
250
ps
tSKEW
(3)
Output-to-output skew
same divide value
100
ps
tSKEW
(3)
Output-to-output skew
LVCMOS-to-differential; same divide value
1.5
ns
tPROP-CMOS IN-to-OUT propagation delay
PLL Bypass
1
ns
PN-Floor
Output phase noise floor
66.66 MHz
–155
dBc/Hz
(fOFFSET > 10 MHz)
ODC(3)
Output Duty Cycle
45%
55%
ROUT
Output Impedance
50
Ω
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
VOH level is NOT rail-to-rail for VDDO = 2.5 V or 3.3 V, 1.8-V LVCMOS output buffer supply is internally regulated down to 1.8 V.
(3)
Ensured by characterization.
8.13 LVCMOS Output Characteristics (STATUS[1:0]
VDD_IN, VDD_PLL, VDD_LDO, VDD_DIG = 3.3 V ± 5%, VDD_O = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5%, TA = –40°C to 85°C,
outputs loaded with 2 pF to GND
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency
3.75
200
MHz
VOH
Output high voltage
IOH = 1 mA
2.5
V
VOL
Output low voltage
IOL = 1 mA
0.6
V
IOH
Output high current
33
mA
IOL
Output low current
-33
mA
tR/tF
(2)
Output rise/fall time
20% to 80%, R49[3-2], R49[1:0] = 10
2.1
ns
20% to 80%, R49[3-2], R49[1-0] = 00
0.35
ns
PN-Floor
Output phase noise floor
66.66 MHz
-148
dBc/Hz
(fOFFSET > 10 MHz)
ODC(2)
Output duty cycle
45%
55%
ROUT
Output impedance
50
Ω
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Ensured by characterization.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK03318


Similar Part No. - LMK03318RHST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
LMK03328RHSR TI1-LMK03328RHSR Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328RHST TI1-LMK03328RHST Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results

Similar Description - LMK03318RHST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com