Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2485ESQ Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2485ESQ
Description  3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485ESQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2485ESQ Datasheet HTML 2Page - Texas Instruments LMX2485ESQ Datasheet HTML 3Page - Texas Instruments LMX2485ESQ Datasheet HTML 4Page - Texas Instruments LMX2485ESQ Datasheet HTML 5Page - Texas Instruments LMX2485ESQ Datasheet HTML 6Page - Texas Instruments LMX2485ESQ Datasheet HTML 7Page - Texas Instruments LMX2485ESQ Datasheet HTML 8Page - Texas Instruments LMX2485ESQ Datasheet HTML 9Page - Texas Instruments LMX2485ESQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LMX2485, LMX2485E
SNAS236G – OCTOBER 2005 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
(VCC = 3.0V; -40°C ≤ TA ≤ +85°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Magnitude of IF CP sink vs CP
VCPoutIF = VCC/2
| ICPoutIF%MIS |
1%
8%
source mismatch
TA = 25°C
Magnitude of IF CP current vs
0.5
≤ VCPoutIF ≤ VCC -0.5
| ICPoutIF%V |
4%
10%
CP voltage
TA = 25°C
Magnitude of IF CP current vs
| ICPoutIF%TEMP
VCPoutIF = VCC/2
4%
temperature
OSCILLATOR PARAMETERS
OSC2X = 0
5
110
MHz
fOSCin
Oscillator operating frequency
OSC2X = 1
5
20
MHz
vOSCin
Oscillator input sensitivity
0.5
VCC
VP-P
IOSCin
Oscillator input current
–100
100
µA
SPURS
Spurs in band
See (4)
–55
dBc
PHASE NOISE
RF_CPG = 0
–202
RF_CPG = 1
–202
RF synthesizer normalized
LF1HzRF
RF_CPG = 3
–206
dBc/Hz
phase noise contribution(5)
RF_CPG = 7
–208
RF_CPG = 15
–210
IF synthesizer normalized phase
LF1HzIF
–209
dBc/Hz
noise contribution
DIGITAL INTERFACE (DATA, CLK, LE, ENOSC, CE, Ftest/LD, FLoutRF)
VIH
High-level input voltage
1.6
VCC
V
VIL
Low-level input voltage
0.4
V
IIH
High-level input current
VIH = VCC
–1
1
µA
IIL
Low-level input current
VIL = 0 V
–1
1
µA
VOH
High-level output voltage
IOH = –500 µA
VCC - 0.4
V
VOL
Low-level output voltage
IOL = 500 µA
0.4
V
(4)
To measure the in-band spur, the fractional word is chosen such that when reduced to lowest terms, the fractional numerator is one.
The spur offset frequency is chosen to be the comparison frequency divided by the reduced fractional denominator. The loop bandwidth
must be sufficiently wide to negate the impact of the loop filter. Measurement conditions are: Spur Offset Frequency = 10 kHz, Loop
Bandwidth = 100 kHz, Fraction = 1/2000, Comparison Frequency = 20 MHz, RF_CPG = 7, DITH = 0, and a 4th Order Modulator (FM =
0). These are relatively consistent over tuning range.
(5)
Normalized Phase Noise Contribution is defined as: LN(f) = L(f) – 20log(N) – 10log(fCOMP) where L(f) is defined as the single side band
phase noise measured at an offset frequency, f, in a 1 Hz Bandwidth. The offset frequency, f, must be chosen sufficiently smaller than
the PLL loop bandwidth, yet large enough to avoid substantial phase noise contribution from the reference source. Measurement
conditions are: Offset Frequency = 11 kHz, Loop Bandwidth = 100 kHz for RF_CPG = 7, Fraction = 1/2000, Comparison Frequency =
20 MHz, FM = 0, DITH = 0.
6
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LMX2485 LMX2485E


Similar Part No. - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485ESQ NSC-LMX2485ESQ Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485ESQX NSC-LMX2485ESQX Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQX NSC-LMX2485ESQX Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Similar Description - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Asahi Kasei Microsystem...
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com