Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2485QSQ Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2485QSQ
Description  Low Power Dual PLLatinum Frequency Synthesizers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485QSQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2485QSQ Datasheet HTML 7Page - Texas Instruments LMX2485QSQ Datasheet HTML 8Page - Texas Instruments LMX2485QSQ Datasheet HTML 9Page - Texas Instruments LMX2485QSQ Datasheet HTML 10Page - Texas Instruments LMX2485QSQ Datasheet HTML 11Page - Texas Instruments LMX2485QSQ Datasheet HTML 12Page - Texas Instruments LMX2485QSQ Datasheet HTML 13Page - Texas Instruments LMX2485QSQ Datasheet HTML 14Page - Texas Instruments LMX2485QSQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Start 50 MHz
Stop 1000 MHz
Marker 1:
75 MHz
Marker 2:
800 MHz
1
2
LMX2485Q-Q1
www.ti.com
SNOSCP7A – MARCH 2013 – REVISED JANUARY 2016
6.8.3 FinIF Input Impedance
Typical characteristics do not imply any sort of specification. Ensured specifications are in the Electrical Characteristics
section.
Figure 11. FinIF Input Impedance
Table 2. IF PLL Input Impedance
FinIF INPUT IMPEDANCE
FREQUENCY (MHz)
REAL (
Ω)
IMAGINARY (
Ω)
50
583
–286
75
530
–256
100
499
–241
200
426
–209
300
384
–209
400
347
–219
500
310
–224
600
276
–228
700
244
–228
800
216
–223
900
192
–218
1000
173
–208
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2485Q-Q1


Similar Part No. - LMX2485QSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Similar Description - LMX2485QSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com