Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2487E Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2487E
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2487E Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2487E Datasheet HTML 3Page - Texas Instruments LMX2487E Datasheet HTML 4Page - Texas Instruments LMX2487E Datasheet HTML 5Page - Texas Instruments LMX2487E Datasheet HTML 6Page - Texas Instruments LMX2487E Datasheet HTML 7Page - Texas Instruments LMX2487E Datasheet HTML 8Page - Texas Instruments LMX2487E Datasheet HTML 9Page - Texas Instruments LMX2487E Datasheet HTML 10Page - Texas Instruments LMX2487E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
90
60
30
TA = -40
oC, 25oC, and 85oC
TA = 85
oC
TA = 25
oC
10
120
TA = -40
oC
0
150
fOSCin (MHz)
20
10
0
-10
-20
-30
-40
-50
120
60
30
VCC = 2.5V, 3.0V, and 3.6V
VCC = 3.6V
VCC = 3.0V
90
10
VCC = 2.5V
0
4000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
-50
3000
1000
TA = 25
oC, and 85oC
2000
TA = 85
oC
TA = 25
oC
TA = -40
oC
TA = -40
oC
0
4000
fFinIF (MHz)
20
10
0
-10
-20
-30
-40
2000
1000
VCC = 2.5V
VCC = 3.0V
3000
VCC = 2.5V
VCC = 3.0 and 3.6V
VCC = 3.6V
0
7000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
5000
3000
VCC = 3.0V and 3.6V
VCC = 2.5V
VCC = 3.6V
VCC = 3.0V
1000
2000
4000
6000
VCC = 2.5V
0
7000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
5000
3000
TA = -40
oC
TA = 85
oC
TA = 25
oC
TA = -40
oC
1000
2000
4000
6000
TA = 85
oC
TA = 25
oC
8000
LMX2487E
www.ti.com
SNAS404B – MAY 2007 – REVISED JANUARY 2016
6.7 Typical Characteristics
6.7.1 Sensitivity
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in Electrical Characteristics.
VCC = 3 V, RF_P = 32
TA = 25°C, RF_P = 32
Figure 3. RF PLL Fin Sensitivity
Figure 2. RF PLL Fin Sensitivity
TA = 25°C, IF_P = 16
VCC = 3 V, IF_P = 16
Figure 4. IF PLL Fin Sensitivity
Figure 5. IF PLL Fin Sensitivity
TA = 25°C, OSC_2X = 0
VCC = 3 V, OSC_2X = 0
Figure 6. OSCin Sensitivity
Figure 7. OSCin Sensitivity
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2487E


Similar Part No. - LMX2487E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
National Semiconductor ...
LMX2487SQ NSC-LMX2487SQ Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487SQ TI1-LMX2487SQ Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
More results

Similar Description - LMX2487E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com