Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2434TM Datasheet(PDF) 4 Page - Texas Instruments

Part # LMX2434TM
Description  Dual High-Frequency Synthesizer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2434TM Datasheet(HTML) 4 Page - Texas Instruments

  LMX2434TM Datasheet HTML 1Page - Texas Instruments LMX2434TM Datasheet HTML 2Page - Texas Instruments LMX2434TM Datasheet HTML 3Page - Texas Instruments LMX2434TM Datasheet HTML 4Page - Texas Instruments LMX2434TM Datasheet HTML 5Page - Texas Instruments LMX2434TM Datasheet HTML 6Page - Texas Instruments LMX2434TM Datasheet HTML 7Page - Texas Instruments LMX2434TM Datasheet HTML 8Page - Texas Instruments LMX2434TM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
ULGA
TSSOP
Programmable multiplexed output. Functions as a general-purpose CMOS tri-state
output, N and R divider output, RF/ IF PLL push-pull analog lock-detect output, RF/
Ftest/LD
9
10
O
IF PLL open-drain analog lock-detect output, or RF/ IF PLL digital filtered lock-detect
output.
1
2
Ground for the IF PLL analog and digital circuits, MICROWIRE, Ftest/LD and
GND
11
12
oscillator circuits.
13
14
MICROWIRE Latch Enable input. High-impedance CMOS input. When LE
LE
17
18
I
transitions HIGH, DATA stored in the shift register is loaded into one of 6 internal
control registers.
Oscillator output/ IF PLL fastlock output. The output configuration is dependent on
the state of the ENosc pin. When ENosc is set LOW, the pin functions as an IF
OSCout/
fastlock output, which connects a resistor in parallel to R2 of the external loop filter.
6
7
O
FLoutIF
This configuration also functions as a general-purpose CMOS tri-state output. When
ENosc is set HIGH, the pin functions as an oscillator output so that an external
crystal can be used.
Reference oscillator input. The input has an approximate Vcc/2 threshold and is
OSCin
7
8
I
driven by an external AC-coupled source.
16
17
Power supply bias for the RF PLL analog circuits. Vcc may range from 2.25 V to
Vcc
8
9
2.75 V. Bypass capacitors must be placed as close as possible to this pin and be
connected directly to the ground plane.
20
1
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2) (3) (4)
MIN
MAX
UNIT
Power supply voltage
−0.3
3.25
V
VCC to GND
Voltage on any pin to GND
VI
−0.3
VCC + 0.3
V
VI must be < +3.25 V
TL
Lead temperature (solder 4 seconds)
260
°C
Tstg
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This device is a high-performance RF integrated circuit with an ESD rating < 2000 V and is ESD-sensitive. Handling and assembly of
this device must be done at ESD-protected work stations.
(3)
GND = 0 V.
(4)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7.2 Recommended Operating Conditions
MIN
MAX
UNIT
Power supply voltage Vcc to GND
2.25
2.75
V
Operating temperature, TA
−40
85
°C
4
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434


Similar Part No. - LMX2434TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2434TM NSC-LMX2434TM Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2434TMX NSC-LMX2434TMX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2434TM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com