Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37B73 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37B73
Description  1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37B73 Datasheet(HTML) 4 Page - Texas Instruments

  TRF37B73 Datasheet HTML 1Page - Texas Instruments TRF37B73 Datasheet HTML 2Page - Texas Instruments TRF37B73 Datasheet HTML 3Page - Texas Instruments TRF37B73 Datasheet HTML 4Page - Texas Instruments TRF37B73 Datasheet HTML 5Page - Texas Instruments TRF37B73 Datasheet HTML 6Page - Texas Instruments TRF37B73 Datasheet HTML 7Page - Texas Instruments TRF37B73 Datasheet HTML 8Page - Texas Instruments TRF37B73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TRF37B73
SLASE41 – MAY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Input voltage
–0.3
3.6
V
Input Power
10
dBm
Operating virtual junction temperature range
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
TSTG
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC
–1
1
kV
JS-001, all pins(1)
VESD
Electrostatic discharge
Charged device model (CDM), per JEDEC
–1
1
kV
specification JESD22-C101, all pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage, VCC
3
3.3
3.45
V
Operating junction temperature, TJ
–40
125
°C
6.4 Thermal Information
DSG
THERMAL METRIC(1)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
79.3
RθJCtop
Junction-to-case (top) thermal resistance
110
RθJB
Junction-to-board thermal resistance
49
°C/W
ψJT
Junction-to-top characterization parameter
6
ψJB
Junction-to-board characterization parameter
49.4
RθJCbot
Junction-to-case (bottom) thermal resistance
19.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TRF37B73


Similar Part No. - TRF37B73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37B73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com