Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37C32IRTVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37C32IRTVT
Description  Dual Down Converter Mixer With Integrated IF AMP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37C32IRTVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF37C32IRTVT Datasheet HTML 7Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 8Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 9Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 10Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 11Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 12Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 13Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 14Page - Texas Instruments TRF37C32IRTVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LO Frequency (MHz)
500
700
900
1100
1300
1500
1700
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
D001
LO-IF Leakage
LO-RF Leakage
RF Frequency (MHz)
400
600
800
1000
1200
1400
1600
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
D001
A-B Iso
RF-IF Iso
IF Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
D001
HSI
LSI
IF Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
D001
HSI
LSI
IF Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
D001
HSI
LSI
IF Frequency (MHz)
0
50 100 150 200 250 300 350 400 450 500 550 600
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
D001
HSI
LSI
TRF37A32, TRF37B32, TRF37C32
www.ti.com
SLASE37A – MAY 2014 – REVISED DECEMBER 2014
Typical Characteristics (TRF37A32) (continued)
TA = 25°C, VCC = 3.3 V; PRF = –10 dBm; FRF = 950 MHz; PLO = 0 dBm; FIF = 200 MHz; Low Side Injection, LPM = 0 (unless
otherwise noted)
Figure 7. Gain vs IF Frequency over H/LSI
Figure 8. IIP3 vs IF Frequency over H/LSI
Figure 9. NF vs IF Frequency over H/LSI
Figure 10. OIP2 vs IF Frequency over H/LSI
Figure 11. LO-IF/RF Leakage vs Frequency
Figure 12. A-B Channel and RF-IF Isolation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TRF37A32 TRF37B32 TRF37C32


Similar Part No. - TRF37C32IRTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C32 TI-TRF37C32 Datasheet
1Mb / 36P
[Old version datasheet]   TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
More results

Similar Description - TRF37C32IRTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A32 TI-TRF37A32_15 Datasheet
1Mb / 36P
[Old version datasheet]   TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
logo
NTE Electronics
NTE1578 NTE-NTE1578 Datasheet
21Kb / 2P
   Integrated Circuit FM Mixer/IF Amp
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
NTE Electronics
NTE1487 NTE-NTE1487 Datasheet
19Kb / 2P
   Integrated Circuit AM RF Converter, IF Amp
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
   Integrated Circuit FM/AM IF Amp, AM Converter
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com