Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37C75IDSGT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37C75IDSGT
Description  40-4000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37C75IDSGT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF37C75IDSGT Datasheet HTML 5Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 6Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 7Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 8Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 9Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 10Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 11Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 12Page - Texas Instruments TRF37C75IDSGT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1
2
3
4
VCC
RFIN
8
7
6
5
RFOUT
C5
C2
C1
DC Blocking
Capacitor
DC Blocking
Capacitor
RF Choke
Inductor
DC Bias
Resistor
DC Bypass
Capacitor
RF Bypass
Capacitors
RF In
RF Out
VCC
C3
R2
C4
L1
PWDN
TRF37C75
www.ti.com
SLASE22 – MAY 2014
8 Applications and Implementation
8.1 Application Information
The TRF37C75 is a wideband high performance general purpose RF amplifier. To maximize its performance,
good RF layout and grounding techniques should be employed.
8.2 Typical Application
The TRF37C75 device is typically placed in a system as illustrated in Figure 13.
Figure 13. Typical Application Schematic for TRF37C75
8.2.1 Design Requirements
Table 1. Design Parameters
PARAMETERS
EXAMPLE VALUES
Input power range
< 3 dBm
Output power
< 18 dBm
Operating frequency range
40 — 4000 MHz
8.2.2 Detailed Design Procedure
The TRF37C75 is a simple to use internally matched and cascadable RF amplifier. Following the recommended
RF layout with good quality RF components and local DC bypass capacitors will ensure optimal performance is
achieved. TI provides various support materials including S-Parameter and ADS models to allow the design to be
optimized to the user's particular performance needs.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TRF37C75


Similar Part No. - TRF37C75IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C75 TI-TRF37C75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37C75 40-4000 MHz RF Gain Block
More results

Similar Description - TRF37C75IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37B75 TI1-TRF37B75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
TRF37C75 TI-TRF37C75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37C75 40-4000 MHz RF Gain Block
TRF37B75 TI-TRF37B75_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRF37B75 40-4000 MHz RF Gain Block
logo
BeRex Corporation
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_18 Datasheet
637Kb / 10P
   40-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
   30-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
   50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com