Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37D73IDSGT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37D73IDSGT
Description  1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37D73IDSGT Datasheet(HTML) 5 Page - Texas Instruments

  TRF37D73IDSGT Datasheet HTML 1Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 2Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 3Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 4Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 5Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 6Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 7Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 8Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TRF37D73
www.ti.com
SLASE43 – MAY 2014
6.5 Electrical Characteristics
VCC = 3V3, TA = 25°C, PWDN = Low, LOUT = 100 nH, C1 = C2 = 1000 pF, ZS = ZL = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PARAMETERS
Total supply current
53
65
mA
ICC
Power down current
PWDN = High
125
µA
Pdiss
Power dissipation
0.175
W
RF REQUENCY RANGE
Frequency range
1
6000
MHz
fRF = 400 MHz
22
dB
fRF = 2000 MHz
19.5
dB
fRF = 3000 MHz
18
dB
G
Small signal gain
fRF = 4000 MHz
15.5
dB
fRF = 5000 MHz
13
dB
fRF = 6000 MHz
10
dB
OP1dB
Output 1dB compression point
At 2000 MHz
16.5
dBm
OIP3
Output 3rd order intercept point
At 2000 MHz, 2-tone 10 MHz apart
27.5
dBm
NF
Noise figure
At 2000 MHz
3.25
dB
R(LI)
Input return loss
At 2000 MHz
20
dB
R(LO)
Output return loss
At 2000 MHz
12
dB
PWDN PIN
VIH
High level input level
2
V
VIL
Low level input level
0.8
V
IIH
High level input current
30
µA
IIL
Low level input current
1
µA
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
PWDN PIN
tON
Turn-on Time
50% TTL to 90% POUT
0.6
µs
tOFF
Turn-off Time
50% TTL to 10% POUT
1.4
µs
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TRF37D73


Similar Part No. - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com