Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37D73IDSGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37D73IDSGT
Description  1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37D73IDSGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF37D73IDSGT Datasheet HTML 4Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 5Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 6Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 7Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 8Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 9Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 10Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 11Page - Texas Instruments TRF37D73IDSGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Active Bias and
Temperature
Compensation
VCC
VCC
Power Down
RF Input
RF Output
TRF37D73
SLASE43 – MAY 2014
www.ti.com
7 Detailed Description
7.1 Overview
The device is a 3.3 V general purpose RF gain block. It is a SiGe Darlington amplifier with integrated 50
Ω input
and output matching. The device contains an active bias circuit to maintain performance over a wide temperature
and voltage range. The included power down function allows the amplifier to shut down saving power when the
amplifier is not needed. Fast shut down and start up enable the amplifier to be used in a host of time division
duplex applications.
7.2 Functional Block Diagram
7.3 Feature Description
The TRF37D73 is a fixed gain RF amplifier. It is internally matched to 50
Ω on both the input and output. It is a
fully cascadable general purpose amplifier. The included active bias circuitry ensures the amplifier performance
is optimized over the full operating temperature and voltage ranges.
7.4 Device Functional Modes
7.4.1 Power Down
The TRF37D73 PWDN pin can be left unconnected for normal operation or a logic-high for disable mode
operation. For applications that use the power down mode, normal 5 V TLL levels are supported.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TRF37D73


Similar Part No. - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
More results

Similar Description - TRF37D73IDSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
[Old version datasheet]   TRF37A73 1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com