Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37T05IRGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37T05IRGET
Description  300-MHz to 4-GHz Quadrature Modulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37T05IRGET Datasheet(HTML) 4 Page - Texas Instruments

  TRF37T05IRGET Datasheet HTML 1Page - Texas Instruments TRF37T05IRGET Datasheet HTML 2Page - Texas Instruments TRF37T05IRGET Datasheet HTML 3Page - Texas Instruments TRF37T05IRGET Datasheet HTML 4Page - Texas Instruments TRF37T05IRGET Datasheet HTML 5Page - Texas Instruments TRF37T05IRGET Datasheet HTML 6Page - Texas Instruments TRF37T05IRGET Datasheet HTML 7Page - Texas Instruments TRF37T05IRGET Datasheet HTML 8Page - Texas Instruments TRF37T05IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TRF37T05
SLWS239A – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Supply voltage range(2)
–0.3
6
V
Digital I/O voltage range
–0.3
VCC +0.5
V
Operating virtual junction temperature range, TJ
–40
150
°C
Operating ambient temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±250
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Power-supply voltage
3.15
3.3
3.6
V
6.4 Thermal Information
TRF37T05
THERMAL METRIC
RGE (VQFN)
UNIT
24 PINS
θJA
Junction-to-ambient thermal resistance
38.4
°C/W
θJCtop
Junction-to-case (top) thermal resistance
42.5
°C/W
θJB
Junction-to-board thermal resistance
16.6
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
16.6
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
6.6
°C/W
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TRF37T05


Similar Part No. - TRF37T05IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37T05IRGET TI-TRF37T05IRGET Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results

Similar Description - TRF37T05IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
logo
ATMEL Corporation
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com