Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA2214ZGSK Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA2214ZGSK
Description  2.2x1.4mm SURFACE MOUNT LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA2214ZGSK Datasheet(HTML) 3 Page - Kingbright Corporation

  AA2214ZGSK Datasheet HTML 1Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 2Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 3Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 4Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 5Page - Kingbright Corporation AA2214ZGSK Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAO0994
REV NO: V.1B
DATE: JAN/06/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1201008993
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA2214ZGSK
Green (InGaN)
Water Clear
400
650
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
515
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
525
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
35
nm
IF=20mA
C
Capacitance
Green
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
3.3
4.1
V
IF=20mA
IR
Reverse Current
Green
50
uA
VR=5V
Parameter
Green
Units
Power dissipation
102.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - AA2214ZGSK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA2214ZGSK TO-GRACE-AA2214ZGSK Datasheet
404Kb / 4P
   3.0 x 2.0 mm Surface Mount LED Lamp
More results

Similar Description - AA2214ZGSK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2214QWS-D KINGBRIGHT-AA2214QWS-D Datasheet
273Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214VR4D1S KINGBRIGHT-AA2214VR4D1S Datasheet
276Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SYSK KINGBRIGHT-AA2214SYSK Datasheet
295Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214CGSK KINGBRIGHT-AA2214CGSK Datasheet
268Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SURSK KINGBRIGHT-AA2214SURSK Datasheet
270Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214SESK KINGBRIGHT-AA2214SESK Datasheet
297Kb / 6P
   2.2x1.4mm SURFACE MOUNT LED LAMP
AA2214QBS-D-AMT KINGBRIGHT-AA2214QBS-D-AMT Datasheet
332Kb / 7P
   2.2x1.4mm SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com