Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKG2A122MESBAK Datasheet(PDF) 3 Page - Nichicon corporation

Part # LKG2A122MESBAK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG2A122MESBAK Datasheet(HTML) 3 Page - Nichicon corporation

  LKG2A122MESBAK Datasheet HTML 1Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 2Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 3Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 4Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 5Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 6Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 7Page - Nichicon corporation LKG2A122MESBAK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
349
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-1)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
25 × 35
30 × 25
22 × 45
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
1.30
1.45
1.65
1.90
1.90
2.05
2.00
2.00
2.05
2.25
2.20
2.15
2.10
2.40
2.45
2.35
2.50
2.80
2.60
2.70
2.85
2.85
3.00
3.20
3.10
3.20
3.45
3.40
3.90
3.75
4.20
4.80
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1J821MESZAK
LKG1J102MESYAK
LKG1J122MESAAK
LKG1J152MESYAK
LKG1J152MESZAK
LKG1J182MESYAK
LKG1J182MESZAK
LKG1J182MESAAK
LKG1J182MESBAK
LKG1J222MESYAK
LKG1J222MESZAK
LKG1J222MESAAK
LKG1J222MESCAK
LKG1J272MESYAK
LKG1J272MESZAK
LKG1J272MESAAK
LKG1J272MESBAK
LKG1J332MESZAK
LKG1J332MESAAK
LKG1J332MESBAK
LKG1J392MESAAK
LKG1J392MESBAK
LKG1J392MESCAK
LKG1J472MESAAK
LKG1J472MESBAK
LKG1J472MESCAK
LKG1J562MESBAK
LKG1J562MESCAK
LKG1J682MESBAK
LKG1J682MESCAK
LKG1J822MESCAK
LKG1J103MESCAK
63V(1J)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
20 × 45
22 × 40
30 × 25
35 × 20
22 × 45
25 × 35
30 × 30
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 45
35 × 40
35 × 45
35 × 50
1.70
1.65
1.80
1.85
1.95
1.95
1.90
2.00
2.20
2.15
2.10
2.45
2.35
2.40
2.50
2.70
2.75
2.55
2.80
3.00
3.25
3.15
3.20
3.45
3.40
3.85
3.75
4.10
4.65
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG1K821MESYAK
LKG1K821MESAAK
LKG1K102MESYAK
LKG1K102MESZAK
LKG1K122MESYAK
LKG1K122MESZAK
LKG1K122MESAAK
LKG1K122MESBAK
LKG1K152MESYAK
LKG1K152MESZAK
LKG1K152MESAAK
LKG1K182MESYAK
LKG1K182MESZAK
LKG1K182MESBAK
LKG1K182MESCAK
LKG1K222MESZAK
LKG1K222MESAAK
LKG1K222MESBAK
LKG1K272MESBAK
LKG1K272MESCAK
LKG1K332MESAAK
LKG1K332MESBAK
LKG1K332MESCAK
LKG1K392MESBAK
LKG1K392MESCAK
LKG1K472MESBAK
LKG1K472MESCAK
LKG1K562MESCAK
LKG1K682MESCAK
80V(1K)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
20 × 45
22 × 40
25 × 30
30 × 25
35 × 20
20 × 50
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 50
1.70
1.75
1.85
1.85
1.80
1.90
2.05
2.30
2.20
2.35
2.20
2.30
2.65
2.55
2.60
2.85
2.85
2.90
2.75
3.20
3.20
3.00
3.55
3.25
3.75
4.30
4.50
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
LKG2A681MESYAK
LKG2A681MESZAK
LKG2A821MESYAK
LKG2A821MESZAK
LKG2A821MESAAK
LKG2A821MESBAK
LKG2A102MESYAK
LKG2A122MESYAK
LKG2A122MESZAK
LKG2A122MESAAK
LKG2A122MESBAK
LKG2A122MESCAK
LKG2A152MESYAK
LKG2A152MESZAK
LKG2A152MESAAK
LKG2A182MESZAK
LKG2A182MESAAK
LKG2A182MESBAK
LKG2A182MESCAK
LKG2A222MESAAK
LKG2A222MESBAK
LKG2A222MESCAK
LKG2A272MESBAK
LKG2A272MESCAK
LKG2A332MESBAK
LKG2A392MESCAK
LKG2A472MESCAK
100V(2A)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


Similar Description - LKG2A122MESBAK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com