Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR158W Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR158W
Description  PNP Silicon Digital Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR158W Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR158W Datasheet HTML 1Page - Infineon Technologies AG BCR158W Datasheet HTML 2Page - Infineon Technologies AG BCR158W Datasheet HTML 3Page - Infineon Technologies AG BCR158W Datasheet HTML 4Page - Infineon Technologies AG BCR158W Datasheet HTML 5Page - Infineon Technologies AG BCR158W Datasheet HTML 6Page - Infineon Technologies AG BCR158W Datasheet HTML 7Page - Infineon Technologies AG BCR158W Datasheet HTML 8Page - Infineon Technologies AG BCR158W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
May-18-2004
4
BCR158.../SEMB10
DC current gain hFE = ƒ(IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
10
2
mA
IC
0
10
1
10
2
10
3
10
-
Collector-emitter saturation voltage
VCEsat = ƒ(IC), hFE = 20
0
0.1
0.2
0.3
V
0.5
VCEsat
0
10
1
10
2
10
mA
Input on Voltage Vi(on) = ƒ(IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-1
10
0
10
1
10
2
10
mA
Input off voltage Vi(off) = ƒ(IC)
VCE = 5V (common emitter configuration)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
1
Vi(off)
-3
10
-2
10
-1
10
0
10
1
10
mA


Similar Part No. - BCR158W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR158W INFINEON-BCR158W Datasheet
181Kb / 10P
   PNP Silicon Digital Transistor
2007-08-27
BCR158W INFINEON-BCR158W Datasheet
842Kb / 8P
   PNP Silicon Digital Transistor
2011-08-29
More results

Similar Description - BCR158W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com