Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M5144 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M5144
Description  Square body DIN 43 653 stud-mount high speed fuses.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M5144 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M5144 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M5144 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
160
Arc Voltage
This curve gives the peak
arc voltage, UL, which
may appear across the
fuse during its operation
as a function of the
applied working voltage,
Eg, (rms) at a power factor
of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The
correction factor, Kp, is
given as a function of the
RMS load current, Ib, in %
of the rated current.
Features and Benefits
• Excellent DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Square Body DIN 43 653 — 1250V/1300V (IEC/UL):
50-1400A
1250V/1300V (IEC/UL) 50-1400A
Specifications
D
De
es
sc
crriip
pttiio
on
n:: Square body DIN
43 653 stud-mount high speed
fuses.
D
Diim
me
en
ns
siio
on
ns
s:: See dimensions
illustration.
R
Ra
attiin
ng
gs
s::
Volts: — 1250Vac (IEC)
— 1300Vac (UL)
Amps: — 50-1400A
IR: — 100kA RMS Sym.
A
Ag
ge
en
nc
cy
y IIn
nffo
orrm
ma
attiio
on
n:: CE, Designed and tested to IEC
60269: Part 4, UL Recognized. Consult Cooper Bussmann
for UL Recognition/CSA Component Acceptance status.
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at
rated voltage and at
power factor of 15% are
given in the electrical
characteristics. For other
voltages, the clearing I2t
is found by multiplying by
correction factor, K,
given as a function of
applied working voltage,
Eg, (rms).
UL
3
2.5
8
10
3
1.4
1.8
6
4
5
3
400
600
800
1000 1200 1400
E
g
Dashed lines (- - - - - -) apply to the following
amperages:.
Size
Amps.
1*
400A
1
500-630A
2
630-1000A
3
800-1400A
K
1.5
1.0
1.25
0.5
0.4
0.3
0.2
400
600
800
1000 1200
1400
E
g
Kp
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
A
B
108
D
E
E
6
H
11
Dimensions (mm)
Type -/110, -TN/110
S
Siiz
ze
e A
A
B
B
D
D**** E
E
H
H
1*
80
138
58
45
20
1
80
138
66
53
25
2
80
138
75
61
25
3
81
139
90
76
30
**Microswitch.
1mm = 0.0394” / 1” = 25.4mm
For Other Voltage Ratings in This Body Style
• See pages 122 (690V/700V) and 146 (1000V)
C
B
A
H
11
6
E
E
D
Dimensions (mm)
Type -KN/110
S
Siiz
ze
e
A
A
B
B
D
D
E
E
H
H
1*
80
138
58
45
20
1
80
138
66
53
25
2
80
138
75
61
25
3
81
139
90
76
30
1mm = 0.0394” / 1” = 25.4mm


Similar Part No. - 170M5144

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M5142 COOPER-170M5142 Datasheet
56Kb / 2P
   Electrical Characteristics
170M5146 COOPER-170M5146 Datasheet
56Kb / 2P
   Electrical Characteristics
More results

Similar Description - 170M5144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
logo
Cooper Bussmann, Inc.
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com