Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR183U Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR183U
Description  PNP Silicon Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR183U Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR183U Datasheet HTML 1Page - Infineon Technologies AG BCR183U Datasheet HTML 2Page - Infineon Technologies AG BCR183U Datasheet HTML 3Page - Infineon Technologies AG BCR183U Datasheet HTML 4Page - Infineon Technologies AG BCR183U Datasheet HTML 5Page - Infineon Technologies AG BCR183U Datasheet HTML 6Page - Infineon Technologies AG BCR183U Datasheet HTML 7Page - Infineon Technologies AG BCR183U Datasheet HTML 8Page - Infineon Technologies AG BCR183U Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nov-17-2003
3
BCR183...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector-base cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 10 V, IC = 0
IEBO
-
-
0,75 mA
DC current gain1)
IC = 5 mA, VCE = 5 V
hFE
30
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0,5 mA
VCEsat
-
-
0,3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0,8
-
1,8
Input on voltage
IC = 2 mA, VCE = 0,3 V
Vi(on)
1
-
2,5
Input resistor
R1
7
10
13
k
Resistor ratio
R1/R2
0,9
1
1,1
-
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
200
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
1Pulse test: t < 300µs; D < 2%


Similar Part No. - BCR183U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR183U INFINEON-BCR183U Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BCR183U INFINEON-BCR183U Datasheet
240Kb / 14P
   PNP Silicon Digital Transistor
2007-07-31
BCR183U INFINEON-BCR183U Datasheet
897Kb / 12P
   PNP Silicon Digital Transistor
2011-08-30
More results

Similar Description - BCR183U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com