Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR360 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SR360
Description  3A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR360 Datasheet(HTML) 1 Page - Frontier Electronics.

  SR360 Datasheet HTML 1Page - Frontier Electronics. SR360 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR340 THRU SR3100 SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
3A SCHOTTKY BARRIER RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT, SEE FIG.1
n
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
80
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO +150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO +125
°C
MAXIMUM REVERSE CURRENT AT 25°C
IR
0.5
mA
PART NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR
(V)
MAX
VRMS
(V)
MAXIMUM FORWARD
VOLTAGE @ IO DC
VF (V)
TYPICAL JUNCTION
CAPACITANCE CJ
(pF)
SR340
40
28
0.55
90
SR360
60
42
0.70
110
SR3100
100
70
0.85
110
NOTE︰ 1. MEASURED AT 1MHz WITH APPLIED REVERSE VOLTAGE OF 4V.
.
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1T (mm) COPPER PLATE AT LEAD LENGTH 5mm.
3. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
4. SR3100 OPERATING TEMPERATURE CAN GO UP TO +150°C.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXTREMELY LOW VF
3.
LOW STORED CHARGE
4.
MAJORITY CARRIER CONDUCTION
5.
LOW POWER LOSS/HIGH EFFICIENCY
6.
CASE: TRANSFER MOLDED, DO-201AD
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9.
WEIGHT: 1.1 GRAMS
10
RoHS COMPLIANT AND HALOGEN FREE


Similar Part No. - SR360

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR360 WTE-SR360 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR360 DGNJDZ-SR360 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360 DGNJDZ-SR360 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR360 UNIOHM-SR360 Datasheet
67Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR360 YIXIN-SR360 Datasheet
112Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR360

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SL32 FRONTIER-SL32 Datasheet
450Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
1N5820-LFR FRONTIER-1N5820-LFR Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
1N5820 TAITRON-1N5820 Datasheet
179Kb / 4P
   3A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
   3A, 45V Schottky Barrier Rectifiers
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
   40V, 3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com