Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR196 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCR196
Description  PNP Silicon Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR196 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCR196 Datasheet HTML 1Page - Infineon Technologies AG BCR196 Datasheet HTML 2Page - Infineon Technologies AG BCR196 Datasheet HTML 3Page - Infineon Technologies AG BCR196 Datasheet HTML 4Page - Infineon Technologies AG BCR196 Datasheet HTML 5Page - Infineon Technologies AG BCR196 Datasheet HTML 6Page - Infineon Technologies AG BCR196 Datasheet HTML 7Page - Infineon Technologies AG BCR196 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aug-29-2003
5
BCR196...
Total power dissipation Ptot = ƒ(TS)
BCR196
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR196F
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR196L3
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR196T
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300


Similar Part No. - BCR196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR196 SIEMENS-BCR196 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR196 INFINEON-BCR196 Datasheet
182Kb / 10P
   PNP Silicon Digital Transistor
2007-07-24
BCR196 INFINEON-BCR196 Datasheet
842Kb / 8P
   PNP Silicon Digital Transistor
2011-08-30
BCR196F INFINEON-BCR196F Datasheet
182Kb / 10P
   PNP Silicon Digital Transistor
2007-07-24
logo
Siemens Semiconductor G...
BCR196W SIEMENS-BCR196W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results

Similar Description - BCR196

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com