Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPHPU32A-102 Datasheet(PDF) 2 Page - Total Power International

Part # TPHPU32A-102
Description  Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPHPU32A-102 Datasheet(HTML) 2 Page - Total Power International

  TPHPU32A-102 Datasheet HTML 1Page - Total Power International TPHPU32A-102 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
DeratingC rve:
u
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:265-280gsapprox.
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
5~6VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
TPHPU32A-102
TPHPU32A-103
TPHPU32A-104
TPHPU32A-105
TPHPU32A-106
TPHPU32A-107
TPHPU32A-111
TPHPU32A-110
TPHPU32A-109
TPHPU32A-108
4.00~3.33 A
3.83~2.87 A
3.38~2.45 A
2.74~2.30 A
2.30~1.88 A
1.88~1.43 A
1.43~1.11 A
1.11~0.91 A
0.91~0.75 A
0.75~0.63 A
5%
5%
5%
5%
3%
3%
3%
5%
5%
5%
23W
20W
27W
30W
30W
30W
30W
30W
30W
30W
TPHPU32A-102~104are requiredtouse AWG#16/4FT outputcable.
TPHPU32A-105~111arerequiredtouse AWG#18/ 6FT outputcable.
Theregulationandefficiencywillbechangedby modifiedoutputcable.
TPHPU32A SERIES
30WDeskTopType
MedicalPowerSupplies
Tota
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(U.S.) PH# (978) 453-7272
www.total-power.com
sales@total-power.com


Similar Part No. - TPHPU32A-102

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPHPU15 TOTAL-POWER-TPHPU15 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-101 TOTAL-POWER-TPHPU15-101 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-102 TOTAL-POWER-TPHPU15-102 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-103 TOTAL-POWER-TPHPU15-103 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
TPHPU15-104 TOTAL-POWER-TPHPU15-104 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
More results

Similar Description - TPHPU32A-102

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPHPU63A TOTAL-POWER-TPHPU63A Datasheet
340Kb / 2P
   Medical Power Supplies
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
logo
Sparkle Power Inc.
FSP500-80MPD SPI-FSP500-80MPD Datasheet
120Kb / 1P
   500 Watts MEDICAL POWER SUPPLIES
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
   350 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
logo
Sparkle Power Inc.
FSP600-90MPB SPI-FSP600-90MPB Datasheet
120Kb / 1P
   600 Watts MEDICAL POWER SUPPLIES
FSP300-70MU SPI-FSP300-70MU Datasheet
116Kb / 1P
   300 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com