Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3459 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI3459
Description  OCTAL IEEE 802.3AT POE PSE CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3459 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3459 Datasheet HTML 1Page - Silicon Laboratories SI3459 Datasheet HTML 2Page - Silicon Laboratories SI3459 Datasheet HTML 3Page - Silicon Laboratories SI3459 Datasheet HTML 4Page - Silicon Laboratories SI3459 Datasheet HTML 5Page - Silicon Laboratories SI3459 Datasheet HTML 6Page - Silicon Laboratories SI3459 Datasheet HTML 7Page - Silicon Laboratories SI3459 Datasheet HTML 8Page - Silicon Laboratories SI3459 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Si3459
Rev. 1.1
5
Power Supply Currents3
VPWR Supply Current
IVPWR
During normal operation
2
5
mA
VDD Supply Current
IDD
—18
25
mA
Detection Specification
Detection Voltage
when RDET = 25.5k
VPORTn
Primary detection voltage
–4.0
–2.8
V
Secondary detection voltage
–10
–8.0
V
Detection Current Limit
IDET
Measured when VPORTn =0V
3
4.9
mA
Minimum Signature
Resistance @ PD
RDET_MIN
15
19
k
Maximum Signature
Resistance @ PD
RDET_MAX
26.5
33
k
Shorted Port Threshold
RSHORT
150
400
Open Port Threshold
ROPEN
100
400
k
Classification Specifications
Classification Voltage
VCLASS
0 mA < ICLASS < 45 mA
–20.5
–15.5
V
Classification Current
ICLASS
Measured when VPORTn =0V
55
95
mA
Classification Current Region
ICLASS_RE-
GION
Class 0
0
5
mA
Class 1
8
13
mA
Class 2
16
21
mA
Class 3
25
31
mA
Class 4
35
45
mA
Table 1. PSE Port Interface Recommended Operating Conditions1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Port voltages are referenced with respect to VPWR. All other voltages are referenced with respect to GND. These
specifications apply over the recommended operating voltage and temperature ranges of the device unless noted
otherwise. Typical performance is for TA =25°C, VDD =AGND + 3.3 V, AGND and DGND = 0 V, and VPWR at 48 V.
2. For a description of the detailed behavior of VDD UVLO, see “4.2.2. Global Event Register and Global Event COR
(0x02, 0x03)” .
3. Positive values indicate currents flowing into the device; negative currents indicate current flowing out of the device.


Similar Part No. - SI3459

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459BDV VISHAY-SI3459BDV Datasheet
108Kb / 7P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Mar-08
Si3459BDV VISHAY-Si3459BDV Datasheet
218Kb / 11P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 04-May-09
SI3459BDV VISHAY-SI3459BDV Datasheet
251Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI3459BDV-T1-E3 VISHAY-SI3459BDV-T1-E3 Datasheet
108Kb / 7P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Mar-08
SI3459BDV-T1-E3 VISHAY-SI3459BDV-T1-E3 Datasheet
258Kb / 11P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3459

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
   4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com