Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3462-EVB Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI3462-EVB
Description  EVALUATION BOARD USERS GUIDE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3462-EVB Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI3462-EVB Datasheet HTML 3Page - Silicon Laboratories SI3462-EVB Datasheet HTML 4Page - Silicon Laboratories SI3462-EVB Datasheet HTML 5Page - Silicon Laboratories SI3462-EVB Datasheet HTML 6Page - Silicon Laboratories SI3462-EVB Datasheet HTML 7Page - Silicon Laboratories SI3462-EVB Datasheet HTML 8Page - Silicon Laboratories SI3462-EVB Datasheet HTML 9Page - Silicon Laboratories SI3462-EVB Datasheet HTML 10Page - Silicon Laboratories SI3462-EVB Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Si3462-EVB
Rev. 1.2
7
6. Detailed Description of the Si3462 PSE Controller
The Si3462 is a fully IEEE compliant PoE/PoE+ PSE power management controller. The Si3462 is specifically
designed and configured to work with an applications circuit (Si3462-EVB) with which it implements a single port
PSE solution for either Midspan or Endpoint PoE applications.
Refer to the detailed evaluation board schematics in "9. Si3462-EVB Schematics" on page 17 and "11.
Si3462-EVB PCB Layouts" on page 23; the overall functionality is described below. Representative waveforms are
shown in "8. Output Voltage and Load Current Waveforms" on page 13.
6.1. Initialization and Operating Mode Configuration
The Si3462 is initialized at powerup or whenever Pin 8 (RST) is held low and then allowed to transition high. Upon
reset (RST asserted low), the voltage at the STATUS pin (as determined by the DIP switch and the associated
resistor network) is sensed to determine the operating mode of the Si3462. The detection process begins
immediately after initialization.
The following operating mode parameters can be set with the DIP switches:

Endpoint or Midspan mode controls the back off timing per IEEE specifications.

Restart action on Fault or Overload determines whether the Si3462 automatically restarts after 2 s when a
fault or overload condition (e.g., input UVLO, output short-circuit event, classification power level
exceeded) is detected or waits to restart until an open-circuit condition is sensed.

Available power level (and PSE Type specifying the classification method used).
Table 2. Operating Modes1,2,3,4,5
DIP Switch
Configuration
Status Pin
Voltage (V)
Operating Mode
PSE
Type
Midspan/
Endpoint
Restart Action
on Fault or
Overload Event
Condition
Availab
le
Power
Classification
BOM5,6
Classification
Mark BOM5,7
< 0.122
2
Midspan
Restart after
disconnection
30 W
No
No
0.122 to 0.338
1
Midspan
Restart after
disconnection
7W
Yes
No
0.338 to 0.548
1
Midspan
Restart after
disconnection
15.4 W
No
No
0.548 to 0.756
2
Midspan
Restart after
disconnection
30 W
Yes
Yes
Notes:
1. After power-up, the STATUS pin drives the base of an NPN transistor that controls an LED.
2. There is a trade-off in selecting the mode setting resistor values between voltage step accuracy and additional
worst-case supply current. For high-value resistors, the base current will alter the voltage steps while low-value resistors
may place higher load on the STATUS pin while driving the LED. The suggested resulting parallel resistance used by the
Si3462-EVB is 2.0 k.
3. Each mode setting resistor should be connected either to GND or +3.3 V through the DIP switch. Care should be taken
not to short the +3.3 V supply to GND.
4. A reset is required after a DIP switch position change for the new mode to take effect.
5. Refer to the Si3462-EVB User Guide to understand the components required to support Classification and Mark.
6. Classification components are R14,R15,R16C8, D5, Q6, and Q17.
7. Classification mark components are Q2, R24, and R25.


Similar Part No. - SI3462-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

Similar Description - SI3462-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com