Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5351A-B-GM Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5351A-B-GM
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351A-B-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5351A-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 9Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 10Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 11Page - Silicon Laboratories SI5351A-B-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Si5350A-B
8
Rev. 1.0
2. Typical Application
2.1. Si5350A Replaces Multiple Clocks and XOs
The Si5350A is a user-definable custom clock generator that is ideally suited for replacing crystals and crystal
oscillators in cost-sensitive applications. An example application is shown in Figure 1.
Figure 1. Example of an Si5350A in an Audio/Video Application
2.2. Applying a Reference Clock at XTAL Input
The Si5350A can be driven with a clock signal through the XA input pin.
Figure 2. Si5350A Driven by a Clock Signal
Video
Processor
Audio
Processor
74.25 MHz or
74.25
1.001
MHz
24.576 MHz
27 MHz
HDMI
Port
22.5792 MHz
Ethernet
PHY
USB
Controller
28.322 MHz
48 MHz
125 MHz
CLK4
27 MHz
XA
XB
CPU
33.3333 MHz
CLK3
Si5350A
Multi
Synth
N
Multi
Synth
0
Multi
Synth
1
PLLB
PLLA
XA
XB
OSC
VIN = 1 VPP
25/27 MHz
Note: Float the XB input while driving
the XA input with a clock
0.1 µF


Similar Part No. - SI5351A-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5351A-B-GM SILABS-SI5351A-B-GM Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351A-B-GM SILABS-SI5351A-B-GM Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5351A-B-GM SILABS-Si5351A-B-GM Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351A-B-GM SKYWORKS-SI5351A-B-GM Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5351A-B-GM SKYWORKS-SI5351A-B-GM Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
More results

Similar Description - SI5351A-B-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com