Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5374 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI5374
Description  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5374 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI5374 Datasheet HTML 2Page - Silicon Laboratories SI5374 Datasheet HTML 3Page - Silicon Laboratories SI5374 Datasheet HTML 4Page - Silicon Laboratories SI5374 Datasheet HTML 5Page - Silicon Laboratories SI5374 Datasheet HTML 6Page - Silicon Laboratories SI5374 Datasheet HTML 7Page - Silicon Laboratories SI5374 Datasheet HTML 8Page - Silicon Laboratories SI5374 Datasheet HTML 9Page - Silicon Laboratories SI5374 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Si5374
6
Rev. 1.1
Single Ended Output
Swing
CKOVSE
LVPECL 100
 load
line-to-line
0.5
0.93
VPP
Differential Output
Voltage
CKOVD
CML 100
 load
line-to-line
350
425
500
mVPP
Common Mode Output
Voltage
CKOVCM
CML 100
 load
line-to-line
—VDD–0.36
V
Differential Output
Voltage
CKOVD
LVDS
100
 load line-to-line
500
700
900
mVPP
Low Swing LVDS
100
 load line-to-line
350
425
500
mVPP
Common Mode Output
Voltage
CKOVCM
LVDS 100
load
line-to-line
1.125
1.2
1.275
V
Differential Output
Resistance
CKORD
CML, LVPECL, LVDS
200
Output Voltage Low
CKOVOLLH
CMOS
0.4
V
Output Voltage High
CKOVOHLH
VDD =1.71V
CMOS
0.8 x
VDD
——
V
Output Drive Current
(CMOS driving into
CKOVOL for output low
or CKOVOH for output
high. CKOUT+ and
CKOUT– shorted
externally)
CKOIO
ICMOS[1:0] = 11
VDD =1.8 V
—7.5
mA
ICMOS[1:0] = 10
VDD =1.8 V
—5.5
mA
ICMOS[1:0] = 01
VDD =1.8 V
—3.5
mA
ICMOS[1:0] = 00
VDD =1.8 V
—1.75
mA
ICMOS[1:0] = 11
VDD =2.5 V
—20
mA
ICMOS[1:0] = 10
VDD =2.5 V
—15
mA
ICMOS[1:0] = 01
VDD =2.5 V
—10
mA
ICMOS[1:0] = 00
VDD =2.5 V
—5
mA
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ± 5%, 2.5 ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Current draw is independent of supply voltage.
2.
No under- or overshoot is allowed.
3.
LVPECL outputs require nominal VDD =2.5 V.
4.
LVPECL, CML, LVDS and low-swing LVDS measured with Fo = 622.08 MHz.


Similar Part No. - SI5374

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374 SKYWORKS-SI5374 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5374-EVB SKYWORKS-SI5374-EVB Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5374B-A-BL SKYWORKS-SI5374B-A-BL Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
More results

Similar Description - SI5374

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5376 SILABS-SI5376 Datasheet
342Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5375 SILABS-SI5375 Datasheet
272Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com