Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5375B-A-BL Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5375B-A-BL
Description  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5375B-A-BL Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5375B-A-BL Datasheet HTML 4Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 5Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 6Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 7Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 8Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 9Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 10Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 11Page - Silicon Laboratories SI5375B-A-BL Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Si5375
8
Rev. 1.0
Table 3. AC Characteristics
(VDD = 1.8 ± 5%, 2.5 ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Single-Ended Reference Clock Input Pin OSC_P (OSC_N with Cap to GND)1
OSC_P to OSC_N
Resistance
OSCRIN
RATE_REG = 0101 or
0110, ac coupled
—100
Input Voltage Swing
OSCVPP
RATE_REG = 0101 or
0110, ac coupled
0.5
1.2
VPP
Differential Reference Clock Input Pins (OSC_P/OSC_N)1
Input Voltage Swing
OSCVPP
RATE_REG = 0101 or
0110, ac coupled
0.5
2.4
VPP
CKINn Input Pins
Input Frequency
CKNF
0.002
710
MHz
Input Duty Cycle
(Minimum Pulse
Width)
CKNDC
Whichever is smaller
(i.e., the 40% / 60%
limitation applies only
to high frequency
clocks)
40
60
%
2—
ns
Input Rise/Fall Time
CKNTRF
20–80%
See Figure 2
——
11
ns
CKOUTn Output Pins
(See ordering section for speed grade vs frequency limits)
Output Frequency
(Output not config-
ured for CMOS or
Disabled)
CKOF
0.002
808
MHz
Maximum Output
Frequency in CMOS
Format
CKOF
212.5
MHz
Output Rise/Fall
(20–80 %) @
622.08 MHz output
CKOTRF
Output not configured for
CMOS or Disabled
See Figure 2
—230
350
ps
Output Rise/Fall
(20–80%) @
212.5 MHz output
CKOTRF
CMOS Output
VDD =1.71
CLOAD =5 pF
——
8
ns
Output Rise/Fall
(20–80%) @
212.5 MHz output
CKOTRF
CMOS Output
VDD =2.25
CLOAD =5 pF
——
2
ns
Notes:
1. A crystal may not be used in place of an oscillator.
2. Input to output skew after an ICAL is not controlled and can be any value.


Similar Part No. - SI5375B-A-BL

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5375B-A-BL SKYWORKS-SI5375B-A-BL Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Similar Description - SI5375B-A-BL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5376 SILABS-SI5376 Datasheet
342Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com