Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR402U Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR402U
Description  LED Driver(Supplies stable bias current even at low battery voltage)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402U Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR402U Datasheet HTML 1Page - Infineon Technologies AG BCR402U Datasheet HTML 2Page - Infineon Technologies AG BCR402U Datasheet HTML 3Page - Infineon Technologies AG BCR402U Datasheet HTML 4Page - Infineon Technologies AG BCR402U Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCR402U
Feb-03-2004
2
Electrical Characteristics
at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Supply current
VS = 10 V
IS
-
500
900
µA
Output current
VS = 10 V, Vout = 8.6 V
Iout
18
20
22
mA
DC Characteristics with stabilized LED load
Lowest sufficient battery voltage overhead
Iout > 18mA
VSmin
-
1.4
-
V
Voltage drop (VS - VCE)
Iout = 20 mA
Vdrop
-
0.8
-
Output current change versus TA
VS = 10 V
∆Iout/Iout
-
-0.2
-
%/K
Output current change versus VS
VS = 10 V
∆Iout/Iout
-
1
-
%/V


Similar Part No. - BCR402U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR402U INFINEON-BCR402U Datasheet
197Kb / 8P
   Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
BCR402U INFINEON-BCR402U Datasheet
124Kb / 9P
   LED Driver
2009-07-31
BCR402UE6327 INFINEON-BCR402UE6327 Datasheet
1Mb / 19P
   LED Driver
Revision 2.1, 2015-01-28
BCR402UE6327 INFINEON-BCR402UE6327_15 Datasheet
1Mb / 19P
   LED Driver
Revision 2.1, 2015-01-28
logo
Diodes Incorporated
BCR402UW6 DIODES-BCR402UW6 Datasheet
403Kb / 7P
   20 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
More results

Similar Description - BCR402U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
42Kb / 3P
   LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402R INFINEON-BCR402R Datasheet
39Kb / 3P
   LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
logo
Siemens Semiconductor G...
BCR400R SIEMENS-BCR400R Datasheet
90Kb / 7P
   Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
   Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Hamamatsu Corporation
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
   Variable gain, stable detection even at high gain
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
   Variable gain and stable detection even at high gains
logo
Diodes Incorporated
AZV831 DIODES-AZV831 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
logo
ON Semiconductor
NUD4011 ONSEMI-NUD4011 Datasheet
134Kb / 9P
   Low Current LED Driver
June, 2006 ??Rev. 3
logo
Vishay Siliconix
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com