Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7020-A20-YM0R Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI7020-A20-YM0R
Description  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-YM0R Datasheet(HTML) 4 Page - Silicon Laboratories

  SI7020-A20-YM0R Datasheet HTML 1Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 2Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 3Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 4Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 5Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 6Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-YM0R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Si7020-A20
4
Rev. 1.1
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
I and Y grade
–40
+125
°C
Operating Temperature
TA
G grade
–40
+85
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 85 °C (G grade) or –40 to 125 °C (I/Y grade); default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SCL, SDA pins
0.7xVDD
——
V
Input Voltage Low
VIL
SCL, SDA pins
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA pins with respect to GND
0.0
VDD
V
Input Leakage
IIL
SCL, SDA pins
1
μA
Output Voltage Low
VOL
SDA pin; IOL =2.5 mA; VDD = 3.3 V
0.6
V
SDA pin; IOL =1.2 mA;
VDD =1.9 V
——
0.4
V
Current
Consumption
IDD
RH conversion in progress
150
180
μA
Temperature conversion in progress
90
120
μA
Standby, –40 to +85 °C2
—0.06
0.62
μA
Standby, –40 to +125 °C2
—0.06
3.8
μA
Peak IDD during powerup3
—3.5
4.0
mA
Peak IDD during I2C operations4
—3.5
4.0
mA
Heater Current5
IHEAT
3.1 to 94.2
mA
Notes:
1.
Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2.
No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3.
Occurs once during powerup. Duration is <5 msec.
4.
Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration is
<100 µs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
5.
Additional current consumption when HTRE bit enabled. See Section “5.5. Heater” for more information.


Similar Part No. - SI7020-A20-YM0R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7020-A20-GM SILABS-Si7020-A20-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GM1 SILABS-Si7020-A20-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GM1R SILABS-Si7020-A20-GM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-GMR SILABS-Si7020-A20-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7020-A20-IM SILABS-Si7020-A20-IM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7020-A20-YM0R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com