Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL10-N1211 Datasheet(PDF) 3 Page - SICK AG

Part # GL10-N1211
Description  Photoelectric retro-reflective sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GL10-N1211 Datasheet(HTML) 3 Page - SICK AG

  GL10-N1211 Datasheet HTML 1Page - SICK AG GL10-N1211 Datasheet HTML 2Page - SICK AG GL10-N1211 Datasheet HTML 3Page - SICK AG GL10-N1211 Datasheet HTML 4Page - SICK AG GL10-N1211 Datasheet HTML 5Page - SICK AG GL10-N1211 Datasheet HTML 6Page - SICK AG GL10-N1211 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/18/2016 1:54:18 AM
1) Limit values: operation in short-circuit protected network max. 8 A 2) May not exceed or fall below Uv tolerances 3) Signal transit time with resistive load 4) Do not
bend below 0 °C 5) A = VS connections reverse-polarity protected 6) B = inputs and output reverse-polarity protected 7) C = interference suppression 8) D = outputs
overcurrent and short-circuit protected 9) Complies with the UL325 standard when used with sturdy protection hood (e.g. BEF-G10WSG, 2071960). 10) With light/dark
ratio 1:1
Power consumption:
≤ 20 mA
Output type:
NPN, open collector
Switching mode:
Light/dark switching
Switching mode selector:
Selectable via light/dark selector
Output current Imax.:
≤ 100 mA
Response time:
≤ 500 µs 3)
Connection type:
Cable, 3-wire, 2 m 4)
Cable material:
PVC
Conductor cross-section:
0.14 mm²
Circuit protection::::
A, B, C, D 5) 6) 7) 8)
Protection class:
III
Weight:
90 g
Polarisation filter:
ü
Special device:
-
Enclosure rating:
IP 67
EMC:
EN 60947-5-2
Ambient operating temperature:
-30 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +70 °C
UL File No.:
NRKH.E348498 & NRKH7.E348498
Further standards:
UL325 9)
Switching frequency max.:
1,000 Hz 10)
Housing material:
PVC ∕ PMMA, Plastic


Similar Part No. - GL10-N1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL10-N1212 SICK-GL10-N1212 Datasheet
802Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - GL10-N1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
   Photoelectric retro-reflective sensor
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
   Photoelectric retro-reflective sensor
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P2231S05 SICK-WL8-P2231S05 Datasheet
729Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2P1409S31 SICK-WL100-2P1409S31 Datasheet
860Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com