Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR410 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR410
Description  Active Bias Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR410 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR410 Datasheet HTML 1Page - Infineon Technologies AG BCR410 Datasheet HTML 2Page - Infineon Technologies AG BCR410 Datasheet HTML 3Page - Infineon Technologies AG BCR410 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCR410W
Dec-21-2001
3
Collector Current IC = f (VS)
of stabilized NPN Transistor
Parameter Rext. ()
2.0
2.5
3.0
3.5
4.0
4.5
V
5.5
Vs
-1
10
0
10
1
10
2
10
mA
10 Ohm
15 Ohm
22 Ohm
47 Ohm
100 Ohm
220 Ohm
470 Ohm
1000 Ohm
Voltage drop Vdrop = f (IC)
10
-1
10
0
10
1
10
2
mA
IC
0
20
40
60
80
100
120
140
160
180
200
220
240
mV
300
Collector current IC = f (Rext.)
of stabilized NPN Transistor
10
1
10
2
10
3
10
4
Ohm
Rext
-1
10
0
10
1
10
2
10
mA
Total power dissipation Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
20
40
60
80
mW
120


Similar Part No. - BCR410

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR410W INFINEON-BCR410W Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
More results

Similar Description - BCR410

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com