Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8232 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI8232
Description  EVALUATION BOARD USERS GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8232 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8232 Datasheet HTML 1Page - Silicon Laboratories SI8232 Datasheet HTML 2Page - Silicon Laboratories SI8232 Datasheet HTML 3Page - Silicon Laboratories SI8232 Datasheet HTML 4Page - Silicon Laboratories SI8232 Datasheet HTML 5Page - Silicon Laboratories SI8232 Datasheet HTML 6Page - Silicon Laboratories SI8232 Datasheet HTML 7Page - Silicon Laboratories SI8232 Datasheet HTML 8Page - Silicon Laboratories SI8232 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 0.1 6/11
Copyright © 2011 by Silicon Laboratories
Si82xx-EVB UG
Si82xx-EVB UG
Si82XX EVALUATION BOARD USERS GUIDE
1. Introduction
The Si823x isolated driver family combines two independent isolated drivers into a single package. The Si8230/1/
3/4 are high-side/low-side drivers, and the Si8232/5/6 are dual drivers. Versions with peak output currents of 0.5 A
(Si8230/1/2) and 4.0 A (Si8233/4/5/6) are available. The Si8220/21 is a high-performance functional upgrade for
opto-coupled drivers, such as the HCPL-3120 and the HPCL-0302 providing 2.5 A of peak output current. These
ISOdrivers utilize Silicon Laboratories' proprietary silicon isolation technology, which provides a choice of 2.5, 3.75,
or 5.0 kVrms withstand voltages. All drivers operate with a maximum output supply voltage of 24 V. High
integration, low propagation delay, small installed size, flexibility, and cost-effectiveness make the family ideal for a
wide range of isolated MOSFET/IGBT gate drive applications.
The Si82xx evaluation board allows designers to evaluate Silicon Lab's family of ISOdrivers. The boards come
populated with 5 kVrms versions of the Si8220, Si8233, Si8234, and Si8235. The board includes land pads for
common surface mount and through-hole packaged FET/IGBT power transistors. The board also includes patch
area for additional prototyping that can be used to accommodate any load configuration a designer might need to
evaluate. For more ISOdriver information, visit Silicon Labs web site at www.silabs.com/isolation. The product data
sheet and numerous application notes can be referenced to help facilitate designs.


Similar Part No. - SI8232

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8232AB-AS SKYWORKS-SI8232AB-AS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
SI8232AB-AS1 SKYWORKS-SI8232AB-AS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
Si8232AB-D-IS SILABS-Si8232AB-D-IS Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI8232AB-D-IS SILABS-SI8232AB-D-IS Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Skyworks Solutions Inc.
SI8232AB-D-IS SKYWORKS-SI8232AB-D-IS Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Similar Description - SI8232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI3462-EVB SILABS-SI3462-EVB Datasheet
1Mb / 32P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com